Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 81 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 81 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 78Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 84Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 104 page
background image
FEDL7406-02
ML7406
81/104
Interrupt notice
Reference point
Timing From reference point to interrupt generation
or interrupt generation timing
INT[15]
Sync error detection
-
During RX after SyncWord detection, out-of-sync detected.
(When RXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(7-6)]) =0b00 or
0b11.)
INT[16]
TX completion
TX_ON command
(*1)
RF wake-up+[TX data+3](bit)
=210μs+(39byte ×8 +3) bit × 10μs (bit cycle)=3360μs after
INT[17]
TX Data request accept
completion
-
After full length data are written to the TX_FIFO.
INT[18]
CCA completion
CCA execution start
(1)Normal mode
(ED value calculation averaging times +IDLE_WAIT setting
[IDLE_WAIT_H/L:B0 0x3B,3C]) ×AD conversion time
(2) IDLE detection mode
○IDLE judgment case
(ED value calculation averaging times +IDLE_WAIT setting
[IDLE_WAIT_H/L:B0 0x3B,3C]) ×AD conversion time
○BUSY judgment case
(ED value calculation averaging times) ×AD conversion time
AD conversion time period can be changed by AD clock
frequency ([ADC_CLK_SEL:B1 0x08]) . AD clock frequency =
1.88MHz: 17.7
μs, 2.0MHz: 16μs. For details, please refer to the
“CCA (Clear Channel Assessment) function”.
INT[19]
TX Length error
detection
-
After set length value to [TX_PKT_LEN_H/L: B0 0x7A/7B]
registers
INT[20]
TX FIFO access error
detection
-
(1) When the next packet data is writren to the TX_FIFO before
transmitting previous packet data.
(2) FIFO overflow when writing
(3) FIFO underflow (no data) when transmitting
INT[21]
Reserved
-
-
INT[22]
General purpose timer 1
completion
Timer start
General purpose timer 1 completion
General purpose timer clock cycle ×Division setting
[GT_CLK_SET: B0 0x33] × general purpose timer interval
setting [GT1_TIMER:B0 0x34]
For details, please refer to the “General purpose timer”.
INT[23]
General purpose timer 2
completion
Timer start
General purpose timer 2 completion
General purpose timer clock cycle ×Division setting
[GT_CLK_SET: B0 0x33] × general purpose timer interval
setting [GT2_TIMER:B0 0x35]
For details, please refer to the “General purpose timer”.
(*1) Before issuing TX_ON, writing full length TX data to the TX_FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com