Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 95 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 95 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 98Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 99Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 104 page
background image
FEDL7406-02
ML7406
95/104
bit
address
[HEX]
Register name
description
7
6
5
43210
36
CCA_IGNORE_LVL
ED threshold level setting for excluding CCA judgement
37
CCA_LVL
CCA threshold level setting
38
CCA_ABORT
Timing setting for forced termination of CCA operation
39
CCA_CTRL
CCA control setting and result indication
3A
ED_RSLT
ED value indication
3B
IDLE_WAIT_H
IDLE detection period setting during CCA (high 2 bits)
3C
IDLE_WAIT_L
IDLE detection period setting during CCA (low byte)
3D
CCA_PROG_H
IDLE detection elapsed time display (during CCA high byte)
3E
CCA_PROG_L
IDLE detection elapsed time display during CCA(low byte) I
3F-40
Reserved
41
ED_CTRL
ED detection control setting
42
TXPR_LEN_H
TX preamble length setting (high byte)
43
TXPR_LEN_L
TX preamblelength setting (low byte)
44
POSTAMBLE_SET
Postamble length and pattern setting
45
SYNC_CONDITION1
RX preamble setting and ED control setting
46
SYNC_CONDITION2
ED threshold setting during synchronization
47
SYNC_CONDITION3
Tolerance of bit error setting in RX preamble and SyncWord
detection
48
2DIV_CTRL
Antenna diversity setting
49
2DIV_RSLT
Antenna diversity result
4A
ANT1_ED
ANT1 ED value during antenna diversity
4B
ANT2_ED
ANT2 ED value during antenna diversity
4C
ANT_CTRL
Antenna control setting for TX, CCA or RX
4D
MON_CTRL
Monitor function setting
4E
GPIO0_CTRL
GPIO0 pin (pin#16) configuration setting
4F
GPIO1_CTRL
GPIO1 pin (pin#17) configuration setting
50
GPIO2_CTRL
GPIO2 pin (pin#18) configuration setting
51
GPIO3_CTRL
GPIO3 pin (pin#19) configuration setting
52
EXTCLK_CTRL
EXT_CLK pin (pin #10) control setting
53
SPI/EXT_PA_CTRL
SPI interface IO configurattion /external PA control setting
54
IF_FREQ_H
IF frequency setting (high byte)
55
IF_FREQ_L
IF frequency setting (low byte)
56
IF_FREQ_CCA_H
IF frequency setting during CCA operation (high byte)
57
IF_FREQ_CCA_L
IF frequency setting during CCA operation (low byte)
58
BPF_ADJ_H
Bandpass filter capacitance adjustment (high 2 bits)
59
BPF_ADJ_L
Bandpass filter capacitance adjustment (low byte)
5A-5B
Reserved
5C
BPF_CO
BPF coefficient
5D
BPF_CO_CCA
BPFcoefficient (CCA)
5E
IFF_ADJ_H
Demodulator DC level adjustment (high 2 bits)
5F
IFF_ADJ_L
Demodulator DC level adjustment (low byte)
60
IFF_ADJ_CCA_H
Demodulator DC level adjustment during CCA (high 7 bits)
61
IFF_ADJ_CCA_L
Demodulator DC level adjustment during CCA (low byte)
62
OSC_ADJ1
Coarse adjustment of load capacito for oscillation circuits
63
OSC_ADJ2
Fine adjustment of load capaciatnce for oscillation circuits
64
OSC_ADJ3
Oscillation circuits bias adjustment
65
OSC_ADJ4
Oscillation circuits bias adjustment (high speed start-up)
66
RSSI_ADJ
RSSI value adjustment
67
PA_MODE
PA mode setting/PA regulator coarse adjustment
68
PA_REG_FINE_ADJ
PA regulator fine adjustment
69
PA_ADJ
PA gain adjustment
6A
Reserved
6B
Reserved
6C
IQ_MAG_ADJ
IF I/Q amplitude balance adjustment
6D
IQ_PHASE_ADJ
IF I/Q phase balance adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com