Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 23 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 23 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 104 page
background image
FEDL7406-02
ML7406
23/104
○SLEEP setting
DEEP_Sleep mode: Powers for all blocks except IO pins are turned off.
Sleep mode: Main regulator and 26MHz oscillation circuits are tured off. But sub-regulator is turned-on.
The following registers can be programmed to control SLEEP state.
Function
Control bit name
Power control
PDN_EN([SLEEP/WU_SET: B0 0x2D(1)])
Wake-up setting
WAKEUP_EN([SLEEP/WU_SET: B0 0x2D(4)])
Wake-up timer clock source setting
WUT_CLK_SOURCE([SLEEP/WU_SET: B0 0x2D(2)])
Internal RC oscillator control
RC32K_EN ([CLK_SET2: B0 0x03(3)])
Setting method and internal state for DEEP_SLEEP and various SLEEP modes are as follows:
SLEEP mode
Setting method
DEEP_SLEEP
RESETN pin=”L”
REGPDIN pin=”H”
OFF
OFF
OFF
OFF
OFF
OFF
SLEEP1
not supported
-
-
-
-
-
-
SLEEP2
[SLEEP/WU_SET: B0 0x2D(4-0)] =
0b0_1001 (*2)
[CLK_SET2: B0 0x03(3)] = 0b0
(default)
OFF
ON
OFF
OFF(*1)
OFF
ON
SLEEP3
[SLEEP/WU_SET: B0 0x2D(4-0)] =
0b1_1001 (*2)
[CLK_SET2: B0 0x03(3)] = 0b0
(default)
OFF
ON
OFF
OFF
ON
ON
SLEEP4
[SLEEP/WU_SET: B0 0x2D(4-0)] =
0b1_1101 (*2)
[CLK_SET2: B0 0x03(3)] = 0b1
OFF
ON
OFF
ON
ON
ON
(*1) Low speed clock is supplied from EXT_CLK pin.
(*2) Please set proper value to [SLEEP/WU_SET: B0 0x2D(3)].
(Note)
Contents of registers are not kept during DEEP_SLEEP. Contents of registers are kept during SLEEP2,SLEEP3,SLEEP4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com