Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 47 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 47 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 104 page
background image
FEDL7406-02
ML7406
47/104
(3) DCLK output method
In Data output mode 2, decoded data is output. Therefore, The DCLK output section in a output interval changes with the
coding method. DCLK output section is as follows.
In othe modes, undecoded data is input or output. DCLK is output continuously. Then, it is not depend on the coding method.
i) Data output mode 2
ii) TX continuous input mode or RX continuous mode
iii) TX Data input mode / RX Data output mode1
Clock output (8 cycle)
Output interval
NRZ
: 8 cycle
Manchester : 16 cycle
3 out of 6
: 12 cycle
Output interval
DCLK
1 cycle=1/data rate[bps]
(*) The nuber of cycle per 1 byte
NRZ
: 8 cycle
Manchester : 16 cycle
3 out of 6
: 12 cycle
DCLK
DCLK
TX: The timing during transmitting
the last 2 bit SyncWord
RX: DIO_START issue
1 cycle=1/data rate[bps]
1 cycle=1/data rate[bps]
(*) The nuber of cycle per 1 byte
NRZ
: 8 cycle
Manchester : 16 cycle
3 out of 6
: 12 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com