Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 94 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 94 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 90Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 98Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 104 page
background image
FEDL7406-02
ML7406
94/104
BANK0
bit
address
[HEX]
Register name
description
7
6
5
4
3210
00
BANK_SEL
Register access bank selection
01
RST_SET
Software reset setting
02
CLK_SET1
Clock cofiguration 1
03
CLK_SET2
Clock configuration 2
04
PKT_CTRL1
Packet configuration 1
05
PKT_CTRL2
Packet configuration 2
06
DRATE_SET
Data rate setting
07
DATA_SET1
TX/RX data configulation 1
08
DATA_SET2
TX/RX data configulation 2
09
CH_SET
RF channel setting
0A
RF_STATUS_CTRL
RFauto status transition control
0B
RF_STATUS
RFstate setting and status indication
0C
DIO_SET
DIO mode configuration
0D
INT_SOURCE_GRP1
Interrupt status for INT0 to INT7
0E
INT_SOURCE_GRP2
Interrupt status for INT8 to INT15 (RX)
0F
INT_SOURCE_GRP3
Interrupt statsu for INT16 to INT23 (TX)
10
INT_EN_GRP1
Interrupt mask for INT0 to INT7
11
INT_EN_GRP2
Interrupt mask for INT8 to INT15
12
INT_EN_GRP3
Interrupt mask for INT16 to INT23
13
CRC_ERR_H
CRC error status (high byte)
14
CRC_ERR_M
CRC error status (middle byte)
15
CRC_ERR_L
CRC error status (low byte)
16
STATE_CLR
State clear control
17
TXFIFO_THRH
TX FIFO-Full level setting
18
TXFIFO_THRL
TX FIFO-Emptythreshold, FAST_TXenable thresold
19
RXFIFO_THRH
RX FIFO-Full thresold
1A
RXFIFO_THRL
RX FIFO-Empty threshold
1B
C__CHECK_CTRL
Control field (C-field) detection setting
1C
M__CHECK_CTRL
Manufactute ID field (M-field) detection setting
1D
A__CHECK_CTRL
Address field (A-field) detection setting
1E
C_FIELD_CODE1
C-field setting code #1
1F
C_FIELD_CODE2
C-field setting code #2
20
C_FIELD_CODE3
C-field setting code #3
21
C_FIELD_CODE4
C-field setting code #4
22
C_FIELD_CODE5
C-field setting code #5
23
M_FIELD_CODE1
M-field 1
st byte setting code #1
24
M_FIELD_CODE2
M-field 1
st byte setting code #2
25
M_FIELD_CODE3
M-field 2
nd byte setting code #1
26
M_FIELD_CODE4
M-field 2
nd byte setting code #2
27
A_FIELD_CODE1
A-field 1
st byte setting
28
A_FIELD_CODE2
A-field 2
nd byte setting
29
A_FIELD_CODE3
A-field 3
rd byte setting
2A
A_FIELD_CODE4
A-field 4
th byte setting
2B
A_FIELD_CODE5
A-field 5
th byte setting
2C
A_FIELD_CODE6
A-field 6
th byte setting
2D
SLEEP/WU_SET
SLEEP execution and Wake-up operation setting
2E
WUT_CLK_SET
Wake-up timer clock division setting
2F
WUT_INTERVAL_H
Wake-up timer interval setting (high byte)
30
WUT_INTERVAL_L
Wake-up timer interval setting
(low byte)
31
RX_DURATION
Continue operation timer (after Wake-up) setting
32
GT_SET
General purpose timer configuration
33
GT_CLK_SET
General purposetimer clock division setting
34
GT1_TIMER
General purpose timer #1 setting
35
GT2_TIMER
General purpose timer #2 setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com