Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 42 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 42 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 104 page
background image
FEDL7406-02
ML7406
42/104
○DIO function
Using GPIO0-3, EXT_CLK or SDI/SDO pins, TX/RX data can be input/output. Pins can be configured by [GPIO*_CTRL: B0
0x4E/0x4F/0x50/0x51], [EXTCLK_CTRL: B0 0x52] and [SPI/EXT_PA_CTRL: B0 0x53] registers.
Data format for TX/RX are as follows:
TX --- TX data (NRZ or Manchester/3-out-of-6coding) will be input.
RX --- pre-decoded RX data or decoded RX data will be output. (selectable by [DIO_SET: B0 0x0C] register)
DIO function registers are as follows:
Function
Registers
DIO RX data output start setting
[DIO_SET: B0 0x0C(0)]
DIO RX completion setting
[DIO_SET: B0 0x0C(2)]
TX DIO mode setting
[DIO_SET: B0 0x0C(5-4)]
RX DIO mode setting
[DIO_SET: B0 0x0C(7-6)]
(1) In case of using GPIO*, EXT_CLK pins
If GPIO0-3 or EXT_CLK pins are used as DCLK/DIO, DCLK/DIO should be controlled as follow. (below DIO/DCLK
vertical line part indicate output or input period)
[TX]
i) Continuous input mode (from host)
Set TXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(5-4)]) =0b01.
After TX_ON(SET_TRX[3:0]([RF_STATUS: B0 0x0B(3-0)])=0x9), DCLK is output continuously. At falling edge of
DCLK, TX data is input from DIO pin. TX data must be encoded data.
(Note) For details of timing, please refer to the “TX” in the “Timing Chart”.
ii) Data input mode (from host)
Set TXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(5-4)]) =0b10.
After TX_ON, DCLK is output during data input period after SyncWord. TX data is input at falling edge of DCLK through
DIO input. Encoded TX data must be transferred from the host. Preamble and SyncWordis generated automatically
according to the registers setting.
DIO(GPIO0-3,EXT_CLK)
TX_ON
command
TX data
DCLK(GPIO0-3,EXT_CLK)
Preamble
SyncWord
Data-field
TRX_OFF
command
DIO(GPIO0-3,EXT_CLK)
TX_ON
TX_ON
command
TX data
DCLK(GPIO0-3,EXT_CLK)
Preamble
SyncWord
Data-field
TRXOFF
command
TX_ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com