Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 55 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 55 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 104 page
background image
FEDL7406-02
ML7406
55/104
(3) Channel space setting
Channel space can be set by [CH_SPACE_H: B1 0x23], [CH_SPACE_L: B1 0x24] registers. Hexadecimal values
calculated in the following formula should be set to [CH_SPACE_H: B1 0x23], [CH_SPACE_L: B1 0x24] registers.
(MSB->LSB order)
Channel space is from the center frequency of given channel to adjacent channel center frequency.
Channel space setting value can be calculated using the following formula:
20
2
_
⋅
⎪⎭
⎪
⎬
⎫
⎪⎩
⎪
⎨
⎧
=
ref
sp
f
f
SPACE
CH
(Integer part)
Here
:
_ SPACE
CH
Channel space setting
:
sp
f
Channel space [MHz]
:
ref
f
PLL reference frequency (=master clock frequency : FMCK1)
[Example]
When set channle space to 60kHz (master clock 26MHz), the calculation is as follows.
20
2
26
06
.
0
_
⋅
⎭
⎬
⎫
⎩
⎨
⎧
=
MHz
MHz
SPACE
CH
(Integer part) = 2419 (0x0973)
[CH_SPACE_H: B1 0x23] = 0x09
[CH_SPACE_L: B1 0x24] = 0x73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com