Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 77 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 77 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 78Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
FEDL7406-02
ML7406
77/104
●Other Functions
○Data rate setting function
(1) Data rate change setting
ML7406 supports various TX/RX data rate setting defined by the following registers.
TX: [TX_RATE_H: B1 0x02] and [TX_RATE_L: B1 0x03] registers
RX: [RX_RATE1_H: B1 0x04], [RX_RATE1_L: B1 0x05] and [RX_RATE2: B1 0x06] registers
TX/RX data rate can be defined in the following formula.
[TX]
TX data rate [bps] = round (26MHz / 13/ TX_RATE[11:0])
Recommended values for each data rate are in the table below. Registers value below are automatically set to
[TX_RATE_H],[ TX_RATE_L] registers by setting TX_DRATE[3:0] ([DRATE_SET: B0 0x06(3-0)]).
TX data rate [kbps]
[TX_RATE_H][ TX_RATE_L]
register setting value
Data rate deviation
[%] *1
1.2
1667d
-0.02
2.4
833d
0.04
4.8
417d
-0.08
9.6
208d
0.16
32.768
61d
0.06
50
40d
0.00
100
20d
0.00
200
10d
0.00
300
7d
3.17
400
5d
0.00
500
4d
0.00
*1 Data rate deviation is assumption that frequency deviation of master clock(26MHz crystal oscillator or TCXO or SPXO) is
0ppm.
[RX]
RX data rate [bps] = round (26MHz / {RX_RATE1[11:0] ×[RX_RATE2[6:0]})
Recommended values for each data rate are in the table below. Registers value below are automatically set to
[RX_RATE1_H][ RX_RATE1_L] [RX_RATE2] registers by setting RX_DRATE[3:0]( [DRATE_SET:B0 0x06(7-4)] ).
RX dta rate [kbps]
[RX_RATE1_H][RX_RATE1_L]
register setting value
[RX_RATE2]
register setting
1.2
169d
0d
2.4
85d
0d
4.8
42d
0d
9.6
21d
0d
32.768
11d
72d
50
8d
65d
100
4d
65d
200
5d
26d
300
3d
29d
400
2d
32d
500
2d
26d
(Note)
When LOW_RATE_EN([CLK_SET2:B0 0x03(0)])=0b1, [RX_RATE1_H/L] and [RX_RATE2] registers are not set
automatically by setting RX_DRATE[3:0]. Please calcurate appropriate values by replacing the 8.66MHz to 26MHz in the
above formula and set them to each register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com