Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 37 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 37 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 104 page
background image
FEDL7406-02
ML7406
37/104
Check Field
Comaprison Code
Conditions for match
C-field
C_FIELD_CODE1 or C_FIELD_CODE2 or
C_FIELD_CODE3 or C_FIELD_CODE4 or
C_FIELD_CODE5
If one of the 5 comparison code is matched
M-field 1
st byte
M_FIELD_CODE1 or
M_FIELD_CODE2
If one of the 2 comparison code is matched.
M-field 2
nd byte
M_FIELD_CODE3 or
M_FIELD_CODE4
If one of the 2 comparison code is matched.
A-field
A_FIELD_CODE1/2/3/4/5/6
If comparison codes are matched.
[Format C]
Field check can be controlled by setting disabled/enabled for each comarison code (1 byte). If all specified Field data
(specified table below) are matched, Field checking matching will be notified. However, if 1st byte of Data field and
C_FIELD_CODE5 are matched, even if other Field data(from 2nd byte of Data field to 9th byte of Data field) are not matched,
Field check result will be notified as ”match”.
Check Field
Comparison Code
Conditions for match
Data-field 1
st byte
C_FIELD_CODE1 or C_FIELD_CODE2 or
C_FIELD_CODE3 or C_FIELD_CODE4 or
C_FIELD_CODE5
If one of the 5 comparison code is matched
Data-field 2
nd byte
M_FIELD_CODE1 or M_FIELD_CODE2
If one of the 2 comparison code is matched.
Data-field 3
rd byte
M_FIELD_CODE3 or M_FIELD_CODE4
If one of the 2 comparison code is matched.
Data-field 4
th byte
A_FIELD_CODE1
If comparison code is matched.
Data-field 5
th byte
A_FIELD_CODE2
If comparison code is matched.
Data-field 6
th byte
A_FIELD_CODE3
If comparison code is matched.
Data-field 7
th byte
A_FIELD_CODE4
If comparison code is matched.
Data-field 8
th byte
A_FIELD_CODE5
If comparison code is matched.
Data-field 9
th byte
A_FIELD_CODE6
If comparison code is matched.
MSB
Preamble
Sync
Word
L
field
1st Block
Data
field
1-2
byte
1
byte
10/18/
32bits
Over n*2
bit
C1: [C_FIELD_CODE1: B0 0x1E]
C2: [C_FIELD_CODE2: B0 0x1F]
C3: [C_FIELD_CODE3: B0 0x20]
C4: [C_FIELD_CODE4: B0 0x21]
C5: [C_FIELD_CODE5: B0 0x22]
A1. [A_FIELD_CODE1: B0 0x27]
A2. [A_FIELD_CODE2: B0 0x28]
A3. [A_FIELD_CODE3: B0 0x29]
A4. [A_FIELD_CODE4: B0 0x2A]
A5. [A_FIELD_CODE5: B0 0x2B]
A6. [A_FIELD_CODE6: B0 0x2C]
A1
A2
A3
A4
A5
A6
LSB
M1. [M_FIELD_CODE1: B0 0x23]
M2. [M_FIELD_CODE2: B0 0x24]
M3. [M_FIELD_CODE3: B0 0x25]
M4. [M_FIELD_CODE4: B0 0x26]
M1
M2
M3
M4
C1
C2
C3
C4
C5
1
byte
1
byte
1
byte
1
byte
1
byte
1
byte
1
byte
1
byte
···
···



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com