Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 97 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 97 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 98Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 99Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 100Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 101Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 104 page
background image
FEDL7406-02
ML7406
97/104
BANK1
bit
address
[HEX]
Register name
description
7
6
5
4
3210
00
BANK_SEL
BANK selection
01
CLK_OUT
CLK_OUT (GPIOn) output frequency setting
02
TX_RATE_H
TX data rate conversion setting (high 4 bits)
03
TX_RATE_L
TX data rate conversion setting (low byte)
04
RX_RATE1_H
RX data rate conversion setting1 (high 4 bits)
05
RX_RATE1_L
RX data rate conversion setting1 (low byte)
06
RX_RATE2
RX data rate conversion setting2
07
Reserved
08
ADC_CLK_SET
RSSI ADC clock frequency setting
09
TEMP
Temperature digital value indication
0A
Reserved
0B
PLL_LOCK_DETECT
PLL lock detection setting
0C
GAIN_MTOL
Threshold level setting for switching middle gain to low gain
0D
GAIN_LTOM
Threshold level setting for switching low gain to middle gain
0E
GAIN_HTOM
Threshold level setting for switching high gain to middle gain
0F
GAIN_MTOH
Threshold level setting for switching middle gain to high gain
10
RSSI_ADJ_M
RSSI offset value setting during middle gain opoeration
11
RSSI_ADJ_L
RSSI offset value setting during low gain operation
12
RSSI_STABLE_TIME
RSSI stabilization wait time setting
13
RSSI_MAG_ADJ
Scale factor setting for ED value conversion
14
RSSI_VAL
RSSI value indication
15
AFC/GC_CTRL
AFCcontrol/gain controlmode setting
16
CRC_POLY3
CRC polynomial setting 3
17
CRC_POLY2
CRC polynomial setting 2
18
CRC_POLY1
CRC polynomial setting 1
19
CRC_POLY0
CRC polynomial setting 0
1A
Reserved
1B
TXFREQ_I
TX frequency setting (I counter)
1C
TXFREQ_FH
TX frequency setting (F counter high 4bit)
1D
TXFREQ_FM
TX frequency setting (F counter middle byte)
1E
TXFREQ_FL
TX frequency setting (F counter low byte)
1F
RXFREQ_I
RX frequency setting (I counter)
20
RXFREQ_FH
RX frequency setting (F counter high 4bit)
21
RXFREQ_FM
RX frequency setting (F counter middle byte)
22
RXFREQ_FL
RX frequency setting (F counter low byte)
23
CH_SPACE_H
Channel space setting (high byte)
24
CH_SPACE_L
Channel space setting (low byte)
25
SYNC_WORD_LEN
SyncWord lenght setting
26
SYNC_WORD_EN
SyncWord enable setting
27
SYNCWORD1_SET0
SyncWord #1 setting (bit24-31)
28
SYNCWORD1_SET1
SyncWord #1 setting (bit16-23)
29
SYNCWORD1_SET2
SyncWord #1 setting (bit8-15)
2A
SYNCWORD1_SET3
SyncWord #1 setting (bit0-7)
2B
SYNCWORD2_SET0
SyncWord #2 setting (bit24-31)
2C
SYNCWORD2_SET1
SyncWord #2 setting (bit16-23)
2D
SYNCWORD2_SET2
SyncWord #2 setting (bit8-15)
2E
SYNCWORD2_SET3
SyncWord #2 setting (bit0-7)
2F
FSK_CTRL
GFSK/FSK mudulation timing resolution setting
30
GFSK_DEV_H
GFSK frequency deviation setting (high 6 bits)
31
GFSK_DEV_L
GFSK frequency deviation setting (low byte)
32
FSK_DEV0_H/GFIL0
FSK 1
st frequency deviation setting (high 6 bits) /
Gaussian filter coefficient setting 0
33
FSK_DEV0_L/GFIL1
FSK 1
st frequency deviation setting (low byte) /
Gaussian filter coefficient setting 1
34
FSK_DEV1_H/GFIL2
FSK 2
nd frequency deviation setting (high 6 bits) /
Gaussian filter coefficient setting 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com