Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 60 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 60 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 62Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 64Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 104 page
background image
FEDL7406-02
ML7406
60/104
○Diversity function
ML7406 supports two antenna diversity function.
While setting 2DIV_EN([2DIV_CTRL: B0 0x48(0)])=0b1, as soon as RX_ON is set, diversity mode will start. When
diversity mode is started, and upon RX data detection, each ED value will be acquired by switching two antennas. And then
antenna with higher ED value will be selected automatically. As diversity uses preamble data for ED value acquisition, longer
preamble length is desirable. If preamble is too short, accurate ED values may not be obtained.
The timing example is as below.
ED values acquired by the diversity operation are stored in [ANT1_ED: B0 0x4A] and [ANT2_ED: B0 0x4B] registers and
antenna diversity result is indicated at 2DIV_RSLT[2:0] ([2DIV_RSLT: B0 0x49(1-0)]) when SyncWord is detected.
In diversity operation, the number of ED average times is specified by 2DIV_ED_AVG[2:0]([2DIV_MODE: B1 0x48(2:0)]).
Search time for each antenna is defined by [2DIV_SEARCH1:B1 0x49] and [2DIV_SEARCH2:B1 0x4A] registers. And its
time resolution can be defined by SEARCH_TIME_SET([2DIV_SEARCH1: B1 0x49(7)]).
If diversity search completion interrupt (INT[10] group2) is cleared, ED values and antenna diversity result are cleared.
(Note)
When an incorrect diversity completion caused by errornous detection due to thermal noize, ML7406 resume antenna
diversity automatically. But when receiving a desired signal during the process of errounous detection, ED value obtained by
[ANT1_ED:B0 0x4A] or [ANT2_ED:B0 0x4B] may indicate a low value different from the actual input level.
If this event occures, the actual ED value of desired signal can be achibed by reading [ED_RSLT:B0 0x3A] registers after
SyncWord detection interrupt (INT[13] group2) generation.
Length
Preamble
Sync
Word
RX_ON
RX packet
ANT_SW
ANT1: ED
value search
ANT2: ED
value search
Antenna
selection
SEARCH_TIME1
([2DIV_SEARCH1:
B1 0x49(6-0)])
ANT1/ANT2 search
is repeated
SEARCH_TIME2
([2DIV_SEARCH2:
B1 0x4A(6-0)])
Update ANT RSLT and ED values
[2DIV_RSLT: B0 0x49(1-0)])
[ANT1_ED:B0 0x4A]
[ANT2 ED:B0 0x4B]
Data
INT[10] (Diversity search completion)
[INT_SOURCE_GRP2: B0 0x0E]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com