Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 41 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 41 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 104 page
background image
FEDL7406-02
ML7406
41/104
(Note)
When skip disabling threshold level at sequece 3. or 4., depending on TX data read (PHY block) and TX_FIFO write timing
through SPI, in the middle of TX_FIFO writing, unwiilling FIFO-Full interrupt or FIFO-Empty interrupt may occurs.
(2) RX FIFO usage notification function
This function is to notify RX_FIFO usage amount by using interrupt (SINTN) to the MCU. If RX_FIFO usage (un-read data in
RX_FIFO) exceed Full level threshold defined by [RXFIFO_THRH: B0 0x19] register, interrupt will generate as FIFO-Full
interrupt (INT[5] group1). After MCU read RX data from RX_FIFO, un-read amount become smaller than Empty level
threshold defined by [RXFIFO_THRL: B0 0x1A] register, interrupt will generated as FIFO-Empty (INT[4] group1). Interrupt
signal (SINTN) can be output from GPIO* or EXT_CLK.
For output setting, please refer to [GPIO1_CTRL: B0 0x4E], [GPIO1_CTRL: B0 0x4F], [GPIO2_CTRL: B0 0x50],
[GPIO3_CTRL: B0 0x51], [EXTCLK_CTRL: B0 0x52] registers.
(Reference Sequence)
1.
Set Full level threshold and Empy level threshold..Each threshold should set as RXFIFO_THRH[5:0]
([RXFIFO_THRH:B0 0x19(5-0)]) > RXFIFO_THRL[5:0] ([RXFIFO_THRL:B0 0x1A(5-0)]). And enabling Full
level threshold by RXFIFO_THRH_EN([RXFIFO_THRH:B0 0x19(7)=0b1.
2.
After issuing RX_ON, wait FIFO-Full interrupt (INT[5] group1) generation.
3.
After FIFO-Full interrupt is generated, Clear the interupt. Then disabling Full level threshold (RXFIFO_THRH_EN=
0b0) and enabling Empty level threshold (RXFIFO_THRL_EN([RXFIFO_THRL:B0 0x1A(7)])=0b1). And start
reading RX data from RX_FIFO [RD_FIFO:B0 0x7F].
4.
After FIFO-Empty interrupt (INT[4] group1) is generated, Clear the interupt. Then disabling Empty level threshold
(TXFIFO_THRL_EN=0b0) and enabling Full level threshold (TXFIFO_THRH_ EN=0b1). Then resume writing TX
data to the TX_FIFO until next FIFO-Full interrupt occurs.
5.
Repeat 3.-4. until completion of RX data read out.
(Note)
When skip disabling threshold level at sequece 3. or 4., depending on RX data write (PHY block) and RX_FIFO read timing
through SPI, in the middle of RX_FIFO reading, unwiilling FIFO-Full interrupt or FIFO-Empty interrupt may occurs.
EMPTY level
(Example 0x0F)
FULL level
(Example 0x3E)
0x00
0x3F
Generate interrupt,
when un-read data
amount is less than
Empty level after
read RX data from
RX_FIFO,
[FIFO usage]
Time
Full level
Empty level
RX data amount
RX_FIFO usage transition
0x0F
0x3E
SINTN signal
Generate interrupt,
when RX data exceed
Full level,
Clear interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com