Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 61 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 61 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 62Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 64Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 65Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 104 page
background image
FEDL7406-02
ML7406
61/104
(1) Antenna switching function
By using [2DIV_CTRL: B0 0x48], [ANT_CTRL: B0 0x4C], [SPI/EXT_PA_CTRL: B0 0x53] registers, TX-RX signal
selection (TRX_SW), antenna switching signal (ANT_SW), external PA control signal(DCNT) can be controlled.
ML7406 can support both SPDT and DPDT antena swith control. ANT_SW signal and TRX_SW signal output considion
for each antenna switch are explained below.
DPDT switch
Set 2PORT_SW([2DIV_CTRL: B0 0x48(1)])=0b1, ANT_CTRL1([2DIV_CTRL: B0 0x48(5)])=0b0. ANT_SW, TRX_SW
output condition of each Idle, TX, RX state are as follow. (default setting)
If INV_TRX_SW([2DIV_CTRL: B0
0x48(2)])=0b1, polarity of ANT_SW and TRX_SW are reversed.
INV_TRX_SW=0b0
(default setting)
INV_TRX_SW=0b1
(reversed polarity)
TX/RX
state
ANT_SW
TRX_SW
ANT_SW
TRX_SW
Description
Idle
H
L
L
H
Idle state
TX
L
H
H
L
TX state
H
L
L
H
When Diversity disable or initial condition
when diversity enable is set ([2DIV_CTRL:
B0 0x48(0)]=0b1).
RX
L/H
H/L
H/L
L/H
If diversity enable is set, during searching,
(ANT_SW=H, TRX_SW=L) and
(ANT_SW=L, TRX_SW=H) are switched
alternatively. After diversity completion, fix
to one of the condition.
SPDT switch
Set 2PORT_SW([2DIV_CTRL: B0 0x48(1)])=0b0, ANT_CTRL1([2DIV_CTRL: B0 0x48(5)])=0b0. ANT_SW, TRX_SW
output condition of each Idle, TX, RX state are as follow. (default setting) If INV_TRX_SW([2DIV_CTRL: B0 0x48(2)])=0b1,
polarity of ANT_SW and TRX_SW are reversed.
INV_TRX_SW([2DIV_CTRL:
B0 0x48(2)])=0
(default setting)
INV_TRX_SW([2DIV_CTRL:
B0 0x48(2)])=1
(polarity reverse)
TX/RX
condition
ANT_SW
TRX_SW
ANT_SW
TRX_SW
Description
Idle
L
L
L
H
Idel state
TX
L
H
L
L
TX state
L
L
L
H
When diversity disable or initial condition
when diversity enable is set ([2DIV_CTRL:
B0 0x48(0)]=0b1).
RX
H/L
L
H/L
H
If diversity enable is set,during searching
(ANT_SW=H and (ANT_SW=L) is switched
alternatively. After diversity completion , fix
to one of the condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com