Electronic Components Datasheet Search
  English  ▼

X  

ML7406 Datasheet(PDF) 62 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 62 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 62Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 64Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 65Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 66Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 104 page
background image
FEDL7406-02
ML7406
62/104
In the above setting, If INV_ANT_SW([2DIV_CTRL: B0 0x48(3)])=0b1, ANT_CTRL1([2DIV_CTRL: B0 0x48(5)])=0b1
are set, polarity of ANT_SW pin is reversed.
INV_ANT_SW([2DIV_CTRL:
B0 0x48(3)])=0
ANT_CTRL1([2DIV_CTRL:
B0 0x48(5)])=any
(default setting)
INV_ANT_SW([2DIV_CTRL:
B0 0x48(3)])=1
ANT_CTRL1([2DIV_CTRL:
B0 0x48(5)])=1
TX/RX
state
ANT_SW
TRX_SW
ANT_SW
TRX_SW
Description
Idle
L
L
H
L
Idle state
TX
L
H
H
H
TX state
L
L
H
L
When diversity disable or intial codition
when diversity enable is set ([2DIV_CTRL:
B0 0x48(0)]=0b1).
RX
H/L
L
L/H
L
If diversity enable is set, during searching
(ANT_SW=H) and (ANT_SW=L) is
switched alternatively. After diversity
completion, fix to one of the condition.
(2) Antenna switch forced setting
By [ANT_CTRL: B0 0x4C] register, ANT_SW pin output conditions can be set to fix.
TX: By TX_ANT_EN([ANT_CTRL: B0 0x4C(0)])=0b1, TX_ANT([ANT_CTRL: B0 0x4C(1)]) condition will be output.
RX: By RX_ANT_EN([ANT_CTRL: B0 0x4C(4)])=0b1, RX_ANT([ANT_CTRL: B0 0x4C(5)]) condition will be output.
However, output is defined by [GPIIO*_CTRL: B0 0x4E - 0x51] register , [GPIIO*_CTRL:B0 0x4E - 0x51] registers
setting has higer priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com