Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 333 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 333 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 329Page - Microchip Technology LAN9250 Datasheet HTML 330Page - Microchip Technology LAN9250 Datasheet HTML 331Page - Microchip Technology LAN9250 Datasheet HTML 332Page - Microchip Technology LAN9250 Datasheet HTML 333Page - Microchip Technology LAN9250 Datasheet HTML 334Page - Microchip Technology LAN9250 Datasheet HTML 335Page - Microchip Technology LAN9250 Datasheet HTML 336Page - Microchip Technology LAN9250 Datasheet HTML 337Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 333
LAN9250
14.8.11
1588 CLOCK STEP ADJUSTMENT REGISTER (1588_CLOCK_STEP_ADJ)
This register is used to perform a one-time adjustment to either the seconds portion or the nanoseconds portion of the
1588 Clock. The amount and direction can be specified.
Offset:
128h
Size:
32 bits
Bank:
na
Bits
Description
Type
Default
31
Clock Step Adjustment Direction (1588_CLOCK_STEP_ADJ_DIR)
This field specifies if the Clock Step Adjustment Value (1588_CLOCK_-
STEP_ADJ_VALUE) is added to or subtracted from the 1588 Clock.
0 = subtracted
1 = added
Note:
Only addition is supported for the nanoseconds portion of the 1588
Clock
R/W
0b
30
RESERVED
RO
-
29:0
Clock Step Adjustment Value (1588_CLOCK_STEP_ADJ_VALUE)
When the nanoseconds portion of the 1588 Clock is being adjusted, this field
specifies the amount to add. This is in lieu of the normal 9, 10 or 11 ns incre-
ment.
When the seconds portion of the 1588 Clock is being adjusted, the lower 4
bits of this field specify the amount to add to or subtract.
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com