Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 334 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 334 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 330Page - Microchip Technology LAN9250 Datasheet HTML 331Page - Microchip Technology LAN9250 Datasheet HTML 332Page - Microchip Technology LAN9250 Datasheet HTML 333Page - Microchip Technology LAN9250 Datasheet HTML 334Page - Microchip Technology LAN9250 Datasheet HTML 335Page - Microchip Technology LAN9250 Datasheet HTML 336Page - Microchip Technology LAN9250 Datasheet HTML 337Page - Microchip Technology LAN9250 Datasheet HTML 338Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 421 page
background image
LAN9250
DS00001913A-page 334
 2015 Microchip Technology Inc.
14.8.12
1588 CLOCK TARGET X SECONDS REGISTER (1588_CLOCK_TARGET_SEC_X)
This read/write register combined with 1588 Clock Target x NanoSeconds Register (1588_CLOCK_TARGET_NS_x)
form the 1588 Clock Target value. The 1588 Clock Target value is compared to the current 1588 Clock value and can
be used to trigger an interrupt upon at match. Refer to Section 14.4, "1588 Clock Events" for additional information.
Note:
Both this register and the 1588 Clock Target x NanoSeconds Register (1588_CLOCK_TARGET_NS_x)
must be written for either to be affected.
Note:
The value read is the saved value of the 1588 Clock Target when the Clock Target Read
(1588_CLOCK_TARGET_READ) bit in the 1588 Command and Control Register (1588_CMD_CTL) is set.
Note:
When the Clock Target Read (1588_CLOCK_TARGET_READ) bit is set, the previous value written to this
register is overwritten. Normally, a read command should not be requested in between writing this register
and the 1588 Clock Target x NanoSeconds Register (1588_CLOCK_TARGET_NS_x).
Offset:
Channel A: 12Ch
Size:
32 bits
Channel B: 13Ch
Bank:
Channel A: na
Channel B: na
Bits
Description
Type
Default
31:0
Clock Target Seconds (CLOCK_TARGET_SEC)
This field contains the seconds portion of the 1588 Clock Compare value.
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com