Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 331 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 331 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 327Page - Microchip Technology LAN9250 Datasheet HTML 328Page - Microchip Technology LAN9250 Datasheet HTML 329Page - Microchip Technology LAN9250 Datasheet HTML 330Page - Microchip Technology LAN9250 Datasheet HTML 331Page - Microchip Technology LAN9250 Datasheet HTML 332Page - Microchip Technology LAN9250 Datasheet HTML 333Page - Microchip Technology LAN9250 Datasheet HTML 334Page - Microchip Technology LAN9250 Datasheet HTML 335Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 331
LAN9250
14.8.9
1588 CLOCK TEMPORARY RATE ADJUSTMENT REGISTER
(1588_CLOCK_TEMP_RATE_ADJ)
This register is used to temporarily adjust the rate of the 1588 Clock. Every 10 ns, 1588 Clock is normally incremented
by 10 ns. This register is used to occasionally change that increment to 9 or 11 ns.
Offset:
120h
Size:
32 bits
Bank:
na
Bits
Description
Type
Default
31
Clock Temporary Rate Adjustment Direction
(1588_CLOCK_TEMP_RATE_ADJ_DIR)
This field specifies if the 1588 Temporary Rate Adjustment causes the 1588
Clock to be faster or slower than the reference clock.
0 = slower (1588 Clock increments by 9 ns)
1 = faster (1588 Clock increments by 11 ns)
R/W
0b
30
RESERVED
RO
-
29:0
Clock Temporary Rate Adjustment Value
(1588_CLOCK_TEMP_RATE_ADJ_VALUE)
This field indicates a temporary adjustment to the reference clock period of
the 1588 Clock in units of 2-32ns. On each 10ns reference clock cycle, this
value is added to the 32-bit sub-nanoseconds portion of the 1588 Clock.
When the sub-nanoseconds portion wraps around to zero, the 1588 Clock
will be adjusted by 1ns (a 9 or 11 ns increment instead of the normal 10ns).
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com