Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 349 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 349 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 345Page - Microchip Technology LAN9250 Datasheet HTML 346Page - Microchip Technology LAN9250 Datasheet HTML 347Page - Microchip Technology LAN9250 Datasheet HTML 348Page - Microchip Technology LAN9250 Datasheet HTML 349Page - Microchip Technology LAN9250 Datasheet HTML 350Page - Microchip Technology LAN9250 Datasheet HTML 351Page - Microchip Technology LAN9250 Datasheet HTML 352Page - Microchip Technology LAN9250 Datasheet HTML 353Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 349
LAN9250
14.8.24
1588 PORT RX TIMESTAMP INSERTION CONFIGURATION REGISTER
(1588_RX_TS_INSERT_CONFIG)
This register is used to configure PTP message timestamp insertion.
Note:
Port and GPIO registers share a common address space. Port registers are selected by the Bank Select
(BANK_SEL[2:0] in the 1588 Bank Port GPIO Select Register (1588_BANK_PORT_GPIO_SEL).
Offset:
160h
Size:
32 bits
Bank:
1
Bits
Description
Type
Default
31:18
RESERVED
RO
-
17
RX PTP Insert Delay Request Egress in Delay Response Enable
(RX_PTP_INSERT_DREQ_DRESP_EN)
When this bit is set, the egress time of the last Delay_Req packet is inserted
into received Delay_Resp packets.
This bit has no affect if RX_PTP_INSERT_TS_EN is a low or if detection of
the Delay_Resp message type is not enabled.
R/W
0b
16
RX PTP Bad UDP Checksum Force Error Disable
(RX_PTP_BAD_UDP_CHKSUM_FORCE_ERR_DIS)
When this bit is cleared, ingress packets that have an invalid UDP checksum
will have a receive symbol error forced if the packet is modified for timestamp
or correction field reasons.
When this bit is set, the UDP checksum check is bypassed.
Note:
The host S/W must not change this bit while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
0b
15
RX PTP Insert Timestamp Seconds Enable
(RX_PTP_INSERT_TS_SEC_EN)
When RX_PTP_INSERT_TS_EN is set, this bit enables bits 3:0 of the sec-
onds portion of the receive ingress time to be inserted into the PTP message.
This bit has no affect if RX_PTP_INSERT_TS_EN is a low.
R/W
0b
14
RESERVED
RO
-
13:8
RX PTP Insert Timestamp Seconds Offset
(RX_PTP_INSERT_TS_SEC_OFFSET[5:0])
This field specifies the offset into the PTP header where the seconds portion
of the receive ingress time is inserted.
Note:
The host S/W must not change this field while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
000101b
7
RX PTP Insert Timestamp Enable (RX_PTP_INSERT_TS_EN)
When set, receive ingress times are inserted into the PTP message.
R/W
0b
6
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com