Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 345 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 345 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 341Page - Microchip Technology LAN9250 Datasheet HTML 342Page - Microchip Technology LAN9250 Datasheet HTML 343Page - Microchip Technology LAN9250 Datasheet HTML 344Page - Microchip Technology LAN9250 Datasheet HTML 345Page - Microchip Technology LAN9250 Datasheet HTML 346Page - Microchip Technology LAN9250 Datasheet HTML 347Page - Microchip Technology LAN9250 Datasheet HTML 348Page - Microchip Technology LAN9250 Datasheet HTML 349Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 345
LAN9250
10
RX Address 3 Enable (RX_ADD3_EN)
This bit enables the IPv4 MAC address of 01:00:5E:00:01:83 and IPv4 desti-
nation address of 224.0.1.131 for PTP packets.
This bit enables the IPv6 MAC address of 33:33:00:00:01:83 and IPv6 desti-
nation address of FF0X:0:0:0:0:0:0:183 for PTP packets.
Note:
The host S/W must not change this bit while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
0b
9
RX Address 4 Enable (RX_ADD4_EN)
This bit enables the IPv4 MAC address of 01:00:5E:00:01:84 and IPv4 desti-
nation address of 224.0.1.132 for PTP packets.
This bit enables the IPv6 MAC address of 33:33:00:00:01:84 and IPv6 desti-
nation address of FF0X:0:0:0:0:0:0:184 for PTP packets.
Note:
The host S/W must not change this bit while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
0b
8
RX Address 5 Enable (RX_ADD5_EN)
This bit enables the IPv4 MAC address of 01:00:5e:00:00:6B and IPv4 desti-
nation address of 224.0.0.107 for PTP packets.
This bit enables the IPv6 MAC address of 33:33:00:00:00:6B and IPv6 desti-
nation address of FF02:0:0:0:0:0:0:6B for PTP packets.
Note:
The host S/W must not change this bit while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
1b
7
RX User Defined Layer 2 MAC Address Enable
(RX_LAYER2_USER_MAC_EN)
This bit enables a user defined Layer 2 MAC address in PTP messages.
Note:
The host S/W must not change this bit while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
0b
6
RX User Defined IPv6 MAC Address Enable (RX_IPV6_USER_MAC_EN)
This bit enables a user defined IPv6 MAC address in PTP messages.
Note:
The host S/W must not change this bit while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
0b
5
RX User Defined IPv4 MAC Address Enable (RX_IPV4_USER_MAC_EN)
This bit enables the user defined IPv4 MAC address in PTP messages. The
address is defined via the 1588 User MAC Address High-WORD Register
(1588_USER_MAC_HI) and the 1588 User MAC Address Low-DWORD
Register (1588_USER_MAC_LO).
Note:
The host S/W must not change this bit while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com