Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 347 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 347 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 343Page - Microchip Technology LAN9250 Datasheet HTML 344Page - Microchip Technology LAN9250 Datasheet HTML 345Page - Microchip Technology LAN9250 Datasheet HTML 346Page - Microchip Technology LAN9250 Datasheet HTML 347Page - Microchip Technology LAN9250 Datasheet HTML 348Page - Microchip Technology LAN9250 Datasheet HTML 349Page - Microchip Technology LAN9250 Datasheet HTML 350Page - Microchip Technology LAN9250 Datasheet HTML 351Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 347
LAN9250
14.8.23
1588 PORT RX TIMESTAMP CONFIGURATION REGISTER
(1588_RX_TIMESTAMP_CONFIG)
This register is used to configure PTP receive message timestamping.
Note:
Port and GPIO registers share a common address space. Port registers are selected by the Bank Select
(BANK_SEL[2:0] in the 1588 Bank Port GPIO Select Register (1588_BANK_PORT_GPIO_SEL).
Offset:
15Ch
Size:
32 bits
Bank:
1
Bits
Description
Type
Default
31:24
RX PTP Domain (RX_PTP_DOMAIN[7:0])
This field specifies the PTP domain in use. If RX PTP Domain Match Enable
(RX_PTP_DOMAIN_EN) is set, the domainNumber in the PTP message
must matches the value in this field in order to recorded the ingress time.
Note:
The host S/W must not change this field while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
00h
23
RX PTP Domain Match Enable (RX_PTP_DOMAIN_EN)
When this bit is set, the domainNumber in the PTP message is checked
against the value in RX PTP Domain (RX_PTP_DOMAIN[7:0]).
Note:
The host S/W must not change this bit while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
0b
22
RX PTP Alternate Master Enable (RX_PTP_ALT_MASTER_EN)
When this bit is set, the alternateMasterFlag in the PTP message is checked
for a zero value.
Note:
The host S/W must not change this bit while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
0b
21
RX PTP UDP Checksum Check Disable (RX_PTP_UDP_CHKSUM_DIS)
When this bit is cleared, ingress times are not saved and ingress messages
are not filtered if the frame has an invalid UDP checksum.
When this bit is set, the UDP checksum check is bypassed and the ingress
time is saved and ingress messages are filtered regardless.
Note:
The host S/W must not change this bit while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
0b
20
RX PTP FCS Check Disable (RX_PTP_FCS_DIS)
When this bit is cleared, ingress times are not saved and ingress messages
are not filtered if the frame has an invalid FCS.
When this bit is set, the FCS check is bypassed.
Note:
The host S/W must not change this bit while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com