Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 376 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 376 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 372Page - Microchip Technology LAN9250 Datasheet HTML 373Page - Microchip Technology LAN9250 Datasheet HTML 374Page - Microchip Technology LAN9250 Datasheet HTML 375Page - Microchip Technology LAN9250 Datasheet HTML 376Page - Microchip Technology LAN9250 Datasheet HTML 377Page - Microchip Technology LAN9250 Datasheet HTML 378Page - Microchip Technology LAN9250 Datasheet HTML 379Page - Microchip Technology LAN9250 Datasheet HTML 380Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 421 page
background image
LAN9250
DS00001913A-page 376
 2015 Microchip Technology Inc.
14.8.46
1588 GPIO X RISING EDGE CLOCK SECONDS CAPTURE REGISTER
(1588_GPIO_RE_CLOCK_SEC_CAP_X)
This read only register combined with the 1588 GPIO x Rising Edge Clock NanoSeconds Capture Register (1588_G-
PIO_RE_CLOCK_NS_CAP_x) forms the GPIO rising edge timestamp capture.
Note:
Values are only valid if the appropriate 1588 GPIO Rising Edge Interrupt (1588_GPIO_RE_INT[7:0]) in the
1588 Interrupt Status Register (1588_INT_STS) indicates that a timestamp is available.
Note:
Unless the corresponding Lock Enable GPIO Rising Edge (LOCK_GPIO_RE) bit is set, a new capture may
occur between reads of this register and the 1588 GPIO x Rising Edge Clock NanoSeconds Capture Reg-
ister (1588_GPIO_RE_CLOCK_NS_CAP_x). Software techniques are required to avoid reading intermedi-
ate values.
Note:
Port and GPIO registers share a common address space. GPIO registers are selected by the Bank Select
(BANK_SEL[2:0] in the 1588 Bank Port GPIO Select Register (1588_BANK_PORT_GPIO_SEL). The GPIO
accessed (“x”) is set by the GPIO Select (GPIO_SEL[2:0]) field.
Note:
All 8 GPIO register sets are available.
Offset:
16Ch
Size:
32 bits
Bank:
3
Bits
Description
Type
Default
31:0
Timestamp Seconds (TS_SEC)
This field contains the seconds portion of the timestamp upon the rising edge
of a GPIO or upon a software commanded manual capture.
RO
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com