Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 385 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 385 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 381Page - Microchip Technology LAN9250 Datasheet HTML 382Page - Microchip Technology LAN9250 Datasheet HTML 383Page - Microchip Technology LAN9250 Datasheet HTML 384Page - Microchip Technology LAN9250 Datasheet HTML 385Page - Microchip Technology LAN9250 Datasheet HTML 386Page - Microchip Technology LAN9250 Datasheet HTML 387Page - Microchip Technology LAN9250 Datasheet HTML 388Page - Microchip Technology LAN9250 Datasheet HTML 389Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 385
LAN9250
16.3
LED Operation
GPIO[2:0] can be individually selected to function as a LED. These pins are configured as LED outputs by setting the
corresponding LED Enable 2-0 (LED_EN[2:0]) bit in the LED Configuration Register (LED_CFG). When configured as
an LED, the pin is either a push-pull or open-drain / open-source output and the GPIO related input buffer and pull-up
are disabled. The default configuration, including polarity, is determined by input straps or EEPROM entries. Refer to
Section 7.0, "Configuration Straps," on page 54 for additional information.
The functions associated with each LED pin are configurable via the LED Function 2-0 (LED_FUN[2:0]) bits of the LED
Configuration Register (LED_CFG). These bits allow the configuration of each LED pin to indicate various port related
functions. The behaviors of each LED for each LED Function 2-0 (LED_FUN[2:0]) configuration are described in the
following tables. Detailed definitions for each LED indication type are provided in Section 16.3.1.
The default values of the LED Function 2-0 (LED_FUN[2:0]) and LED Enable 2-0 (LED_EN[2:0]) bits of the LED Con-
figuration Register (LED_CFG) are determined by the LED_fun_strap[2:0] and LED_en_strap[2:0] configuration straps.
For more information on the LED Configuration Register (LED_CFG) and its related straps, refer to Section 16.4.1, "LED
Configuration Register (LED_CFG)," on page 387.
All LED outputs may be disabled by setting the LED Disable (LED_DIS) bit in the Power Management Control Register
(PMT_CTRL). Open-drain / open-source LEDs are un-driven. Push-pull LEDs are still driven but are set to their inactive
state.
The various LED indication functions listed in the previous tables are described in the following section.
16.3.1
LED FUNCTION DEFINITIONS
The following LED rules apply :
• “Active” is defined as the pin being driven to the opposite value latched at reset on the related hard-straps. The
LED polarity cannot be modified via soft-straps.
• “Inactive” is defined as the pin not being driven.
• The input buffers and pull-ups are disabled on the shared GPIO/LED pins.
The following LED function definitions apply :
• Activity - The signal is pulsed active for 80mS to indicate transmit or receive activity on the port. The signal is
TABLE 16-1:
LED OPERATION AS A FUNCTION OF LED_FUN[2:0] = 000B - 011B
000b
001b
010b
011b
LED2
(GPIO2)
Link / Activity
100Link / Activity
Activity
Activity
LED1
(GPIO1)
Full-duplex / Collision
Full-duplex / Collision
Link
Link
LED0
(GPIO0)
Speed
10Link / Activity
Speed
Full-duplex / Collision
TABLE 16-2:
LED OPERATION AS A FUNCTION OF LED_FUN[2:0] = 100B - 111B
100b
101b
110b
111b
LED2
(GPIO2)
Activity
Reserved
Reserved
Reserved
LED1
(GPIO1)
10Link
LED0
(GPIO0)
100Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com