Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 387 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 387 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 383Page - Microchip Technology LAN9250 Datasheet HTML 384Page - Microchip Technology LAN9250 Datasheet HTML 385Page - Microchip Technology LAN9250 Datasheet HTML 386Page - Microchip Technology LAN9250 Datasheet HTML 387Page - Microchip Technology LAN9250 Datasheet HTML 388Page - Microchip Technology LAN9250 Datasheet HTML 389Page - Microchip Technology LAN9250 Datasheet HTML 390Page - Microchip Technology LAN9250 Datasheet HTML 391Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 387
LAN9250
16.4.1
LED CONFIGURATION REGISTER (LED_CFG)
This read/write register configures the GPIO[2:0] pins as LED pins and sets their functionality.
Note 1:
The default value of this field is determined by the configuration strap LED_fun_strap[2:0].
Note 2:
The default value of this field is determined by the configuration strap LED_en_strap[2:0].
Offset:
1BCh
Size:
32 bits
Bits
Description
Type
Default
31:11
RESERVED
RO
-
10:8
LED Function 2-0 (LED_FUN[2:0])
These bits control the function associated with each LED pin as shown in
Section 16.3, "LED Operation," on page 385.
Note:
In order for these assignments to be valid, the particular pin must
be enabled as an LED output pin via the LED_EN bits of this
register.
R/W
Note 1
7:3
RESERVED
RO
-
2:0
LED Enable 2-0 (LED_EN[2:0])
This field toggles the functionality of the GPIO[2:0] pins between GPIO and
LED.
0: Enables the associated pin as a GPIO signal
1: Enables the associated pin as a LED output
When configured as LED outputs, the pins are open-drain/open-source out-
puts and the pull-ups and input buffers are disabled. When open-drain/open-
source, the polarity of the pins depends upon the strap value sampled at
reset. If a high is sampled at reset, then this signal is active low.
Note:
The polarity is determined by the strap value sampled on reset (a
hard-strap) and not the soft-strap value (of the shared strap) set via
EEPROM.
When configured as a GPIO output, the pins are configured per the General
Purpose I/O Configuration Register (GPIO_CFG) and the General Purpose I/
O Data & Direction Register (GPIO_DATA_DIR). The polarity of the pins
does not depend upon the strap value sampled at reset.
R/W
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com