Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 390 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 390 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 386Page - Microchip Technology LAN9250 Datasheet HTML 387Page - Microchip Technology LAN9250 Datasheet HTML 388Page - Microchip Technology LAN9250 Datasheet HTML 389Page - Microchip Technology LAN9250 Datasheet HTML 390Page - Microchip Technology LAN9250 Datasheet HTML 391Page - Microchip Technology LAN9250 Datasheet HTML 392Page - Microchip Technology LAN9250 Datasheet HTML 393Page - Microchip Technology LAN9250 Datasheet HTML 394Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 421 page
background image
LAN9250
DS00001913A-page 390
 2015 Microchip Technology Inc.
16.4.3
GENERAL PURPOSE I/O DATA & DIRECTION REGISTER (GPIO_DATA_DIR)
This read/write register configures the direction of the GPIO pins and contains the GPIO input and output data bits.
Offset:
1E4h
Size:
32 bits
Bits
Description
Type
Default
31:19
RESERVED
RO
-
18:16
GPIO Direction 2-0 (GPIODIR[2:0])
These bits set the input/output direction of the 3 GPIO pins.
0: GPIO pin is configured as an input
1: GPIO pin is configured as an output
R/W
000b
15:3
RESERVED
RO
-
2:0
GPIO Data 2-0 (GPIOD[2:0])
When a GPIO pin is enabled as an output, the value written to this field is out-
put on the corresponding GPIO pin. Upon a read, the value returned depends
on the current direction of the pin. If the pin is an input, the data reflects the
current state of the corresponding GPIO pin. If the pin is an output, the data is
the value that was last written into this register. The pin direction is deter-
mined by the GPIODIR bits of this register and the 1588_GPIO_OE bits in
the General Purpose I/O Configuration Register (GPIO_CFG).
R/W
000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com