Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 388 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 388 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 384Page - Microchip Technology LAN9250 Datasheet HTML 385Page - Microchip Technology LAN9250 Datasheet HTML 386Page - Microchip Technology LAN9250 Datasheet HTML 387Page - Microchip Technology LAN9250 Datasheet HTML 388Page - Microchip Technology LAN9250 Datasheet HTML 389Page - Microchip Technology LAN9250 Datasheet HTML 390Page - Microchip Technology LAN9250 Datasheet HTML 391Page - Microchip Technology LAN9250 Datasheet HTML 392Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 421 page
background image
LAN9250
DS00001913A-page 388
 2015 Microchip Technology Inc.
16.4.2
GENERAL PURPOSE I/O CONFIGURATION REGISTER (GPIO_CFG)
This read/write register configures the GPIO input and output pins. The polarity of the GPIO pins is configured here as
well as the IEEE 1588 timestamping and clock compare event output properties. Refer to Section 14.5, "1588 GPIOs,"
on page 314 for additional 1588 information.
Offset:
1E0h
Size:
32 bits
Bits
Description
Type
Default
31:27
RESERVED
RO
-
26:24
1588 GPIO Channel Select 2-0 (GPIO_CH_SEL[2:0])
These bits select the 1588 channel to be output on the corresponding
GPIO[2:0]. Refer to Section 14.5, "1588 GPIOs," on page 314 for additional
information.
0: Sets 1588 channel A as the output for the corresponding GPIO pin
1: Sets 1588 channel B as the output for the corresponding GPIO pin
R/W
000b
23:19
RESERVED
RO
-
18:16
GPIO Interrupt/1588 Polarity 2-0 (GPIO_POL[2:0])
These bits set the interrupt input polarity and 1588 clock event output polarity
of the 3 GPIO pins. The configured level (high/low) will set the corresponding
GPIO_INT bit in the General Purpose I/O Interrupt Status and Enable Regis-
ter (GPIO_INT_STS_EN). 1588 clock events will be output active at the con-
figured level (high/low).
These bits also determine the polarity of the GPIO 1588 Timer Interrupt Clear
inputs. Refer to Section 14.5, "1588 GPIOs," on page 314 for additional infor-
mation.
0: Sets low logic level trigger on corresponding GPIO pin
1: Sets high logic level trigger on corresponding GPIO pin
R/W
000b
15:11
RESERVED
RO
-
10:8
1588 GPIO Output Enable 2-0 (1588_GPIO_OE[2:0])
These bits configure the 3 GPIO pins to output 1588 clock compare events.
0: Disables the output of 1588 clock compare events
1: Enables the output of 1588 clock compare events
Note:
These bits override the direction bits in the General Purpose I/O
Data & Direction Register (GPIO_DATA_DIR) register. However,
the GPIO Buffer Type 2-0 (GPIOBUF[2:0]) in the General Purpose
I/O Configuration Register (GPIO_CFG) is not overridden.
R/W
000b
7:3
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com