Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 401 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 401 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 397Page - Microchip Technology LAN9250 Datasheet HTML 398Page - Microchip Technology LAN9250 Datasheet HTML 399Page - Microchip Technology LAN9250 Datasheet HTML 400Page - Microchip Technology LAN9250 Datasheet HTML 401Page - Microchip Technology LAN9250 Datasheet HTML 402Page - Microchip Technology LAN9250 Datasheet HTML 403Page - Microchip Technology LAN9250 Datasheet HTML 404Page - Microchip Technology LAN9250 Datasheet HTML 405Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 401
LAN9250
19.4.1
INTERNAL REGULATOR DISABLED
TABLE 19-4:
CURRENT CONSUMPTION AND POWER DISSIPATION (REGS. DISABLED)
3.3 V
Device
Current
(mA)
(A)
Note 5,
Note 7
1.2 V
Device
Current
(mA)
(B)
Note 6,
Note 7
TX
Magnetics
Current
(mA)
(C)
Note 8
Device
Power
with 2.5 V
Magnetics
(mW)
Note 9,
Note 10
Device
Power
with 3.3 V
Magnetics
(mW)
Note 9,
Note 11
Reset (RST#)
Typ.
23.2
37.0
0.0
121
121
D0, 100BASE-TX
with Traffic (No EEE)
Typ.
44.2
51.7
41.0
311
344
D0, 100BASE-TX
Idle (w/o EEE)
Typ.
44.2
51.0
41.0
310
343
D0, 100BASE-TX
Idle (with EEE)
Typ.
36.2
46.0
0.0
175
175
D0, 10BASE-T
with Traffic
Typ.
21.7
42.8
101.0
376
457
D0, 10BASE-T
Idle
Typ.
22.8
43.0
101.0
380
461
D0, PHY Energy Detect
Power Down
Typ.
8.9
40.2
0.0
78
78
D0, PHY General
Power Down
Typ.
4.9
40.5
0.0
65
65
D1, 100BASE-TX
Idle (w/o EEE)
Typ.
38.1
28.6
41.0
263
296
D1, 100BASE-TX
Idle (with EEE)
Typ.
36.6
23.3
0.0
149
149
D1, 10BASE-T
Idle
Typ.
16.7
19.9
101.0
332
413
D1, PHY Energy Detect
Power Down
Typ.
9.0
17.5
0.0
51
51
D1, PHY General
Power Down
Typ.
5.8
17.5
0.0
41
41
D2, 100BASE-TX
Idle (w/o EEE)
Typ.
38.0
28.7
41.0
263
296
D2, 100BASE-TX
Idle (with EEE)
Typ.
36.6
23.4
0.0
149
149
D2, 10BASE-T
Idle
Typ.
16.8
19.9
101.0
332
413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com