Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 403 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 403 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 399Page - Microchip Technology LAN9250 Datasheet HTML 400Page - Microchip Technology LAN9250 Datasheet HTML 401Page - Microchip Technology LAN9250 Datasheet HTML 402Page - Microchip Technology LAN9250 Datasheet HTML 403Page - Microchip Technology LAN9250 Datasheet HTML 404Page - Microchip Technology LAN9250 Datasheet HTML 405Page - Microchip Technology LAN9250 Datasheet HTML 406Page - Microchip Technology LAN9250 Datasheet HTML 407Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 403
LAN9250
Note 12:
VDD33TXRX1, VDD33TXRX2, VDD33BIAS, VDD33, VDDIO
Note 13:
VDD12TX1 and VDD12TX2, are driven by the internal regulator via the PCB. The current is accounted for
via VDD33.
Note 14:
Current measurements do not include power applied to the magnetics or the optional external LEDs.
Note 15:
The Ethernet component current is independent of the supply rail voltage (2.5V or 3.3V) of the transformer.
Copper TP operation is assumed. Current is zero if using 100BASE-FX mode.
Note 16:
This includes the power dissipated by the transmitter by way of the current through the transformer.
Note 17:
3.3*(A) + (2.5)*(C) @ Typ
Note 18:
3.3*(A) + (3.3)*(C) @ Typ
D0, PHY General
Power Down
Typ.
48.4
0.0
160
160
D1, 100BASE-TX
Idle (w/o EEE)
Typ.
66.6
41.0
323
356
D1, 100BASE-TX
Idle (with EEE)
Typ.
59.2
0.0
196
196
D1, 10BASE-T
Idle
Typ.
38.5
101.0
380
461
D1, PHY Energy Detect
Power Down
Typ.
27.5
0.0
91
91
D1, PHY General
Power Down
Typ.
24.3
0.0
81
81
D2, 100BASE-TX
Idle (w/o EEE)
Typ.
66.4
41.0
322
355
D2, 100BASE-TX
Idle (with EEE)
Typ.
59.4
0.0
196
196
D2, 10BASE-T
Idle
Typ.
38.4
101.0
380
460
D2, PHY Energy Detect
Power Down
Typ.
16.2
0.0
54
54
D2, PHY General
Power Down
Typ.
13.3
0.0
44
44
D3, PHY General
Power Down
Typ.
9.4
0.0
32
32
TABLE 19-5:
CURRENT CONSUMPTION AND POWER DISSIPATION (REGS. ENABLED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com