Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 402 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 402 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 398Page - Microchip Technology LAN9250 Datasheet HTML 399Page - Microchip Technology LAN9250 Datasheet HTML 400Page - Microchip Technology LAN9250 Datasheet HTML 401Page - Microchip Technology LAN9250 Datasheet HTML 402Page - Microchip Technology LAN9250 Datasheet HTML 403Page - Microchip Technology LAN9250 Datasheet HTML 404Page - Microchip Technology LAN9250 Datasheet HTML 405Page - Microchip Technology LAN9250 Datasheet HTML 406Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 421 page
background image
LAN9250
DS00001913A-page 402
 2015 Microchip Technology Inc.
Note 5:
VDD33TXRX1, VDD33TXRX2, VDD33BIAS, VDD33, VDDIO
Note 6:
VDD12TX1, VDD12TX2, OSCVDD12, VDDCR
Note 7:
Current measurements do not include power applied to the magnetics or the optional external LEDs.
Note 8:
The Ethernet component current is independent of the supply rail voltage (2.5V or 3.3V) of the transformer.
Copper TP operation is assumed. Current is zero if using 100BASE-FX mode.
Note 9:
This includes the power dissipated by the transmitter by way of the current through the transformer.
Note 10:
3.3*(A) + 1.2*(B) + (2.5)*(C) @ Typ
Note 11:
3.3*(A) + 1.2*(B) + (3.3)*(C) @ Typ
19.4.2
INTERNAL REGULATOR ENABLED
D2, PHY Energy Detect
Power Down
Typ.
8.7
6.1
0.0
36
36
D2, PHY General
Power Down
Typ.
5.9
6.1
0.0
27
27
D3, PHY General
Power Down
Typ.
5.7
2.7
0.0
23
23
TABLE 19-5:
CURRENT CONSUMPTION AND POWER DISSIPATION (REGS. ENABLED)
3.3 V
Device
Current
(mA)
(A)
Note 12,
Note 13,
Note 14
TX
Magnetics
Current
(mA)
(C)
Note 15
Device
Power
with 2.5 V
Magnetics
(mW)
Note 16,
Note 17
Device
Power
with 3.3 V
Magnetics
(mW)
Note 16,
Note 18
Reset (RST#)
Typ.
61.5
0.0
203
203
D0, 100BASE-TX
with Traffic (No EEE)
Typ.
95.9
41.0
419
452
D0, 100BASE-TX
Idle (w/o EEE)
Typ.
96.4
41.0
421
454
D0, 100BASE-TX
Idle (with EEE)
Typ.
82.2
0.0
272
272
D0, 10BASE-T
with Traffic
Typ.
67.5
101.0
476
557
D0, 10BASE-T
Idle
Typ.
67.7
101.0
476
557
D0, PHY Energy Detect
Power Down
Typ.
51.4
0.0
170
170
TABLE 19-4:
CURRENT CONSUMPTION AND POWER DISSIPATION (REGS. DISABLED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com