Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP178G Datasheet HTML 1Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 2Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 3Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 4Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 5Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 6Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 7Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 8Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
IP178G
Data Sheet
1 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
8 Port 10/100 Ethernet Integrated Switch
(85nm /Extreme Low Power, PWMT®®®® and AFT®®®® )
Features
General Description
8 port Embedded 10/100 PHY Switch Controller
Support 8 100BaseTX or 6 100Base TX + 2 FX
100M PHY support IEEE802.3az at full duplex
10M PHY only support 10BaseTe
Support Auto MDI-MDIX function
Power Management Tool (PWMT®)
-
APS, auto-power saving while Link-off
-
IEEE 802.3az protocol based power saving
-
WOL+®, light traffic power saving
-
PWD, force-off power saving
Support Auto Factory Test (AFT®)
Single Power 3.3V supply
Built in 1.1V core voltage LDO Regulator
Two Priority queues per port
Support 802.1p & DiffServ based QoS
QoS
-
Port base
-
802.1p
-
IP DiffServ IPV4/IPV6
-
TCP/UDP port number
-
Pins configure ports priority (VIP port)
Support max forwarding packet length 1552/1536
bytes option
Embedded 448K bits packet buffer
Support port mirror function
Support 1k MAC address
Support broadcast storm protection
Support port trunking (Link Aggregation)
Support 16 VLAN (IEEE Std 802.1q)
-
Port-based/Tagged-based VLAN
-
Support Port-based insert, remove tag
Built-in 50 ohm resistors for simplifying BOM
85nm Process
Package and operation temperature
-
IP178G: 68 Pin QFN, 0~70
℃
IP178G is fabricated with advanced CMOS
(85nm) technology and only requires a 3.3V single
power supply. This feature makes IP178G used
very low power consume, such as the full load
operation (100Mbps full duplex 8 ports), it only
takes 0.95W.
IP178G also supports Power Management Tool
(PWMT®) for IEEE 802.3az, APS, WOL+ and PWD
for Green Power. While two link devices have no
IEEE 802.3az capability, IP178G use WOL+ to
change link from 100Mbps to 10Mbps for saving
power.
The PWD, force-off power saving of IP178G is
designed for power down switch immediately by
pushing a button, user don’t plug out the power
adapter. Push the button again, it will power on
immediately.
Except Low Power and Rich Power Saving
method, IP178G supports AFT® for saving
Customer Testing Cost. By using a push button and
cables, IP178G will Auto test completely by itself.
Application
8 port 10/100 Dumb switch
6TX+2FX Dumb Switch or 7TX + 1FX Dumb Switch
www.BDTIC.com/ICplus


Similar Part No. - IP178G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP178A ETC1-IP178A Datasheet
1Mb / 44P
8-Port 10/100 Ethernet Integrated Switch
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
IP178C-DS-R01 ETC2-IP178C-DS-R01 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
IP178C-DS-R02 ETC2-IP178C-DS-R02 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
IP178C-DS-R03 ETC2-IP178C-DS-R03 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
More results

Similar Description - IP178G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC9208M ETC1-TC9208M Datasheet
1Mb / 53P
8-Port 10/100/1000 Smart Ethernet Switch
IP178A ETC1-IP178A Datasheet
1Mb / 44P
8-Port 10/100 Ethernet Integrated Switch
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175C ETC2-IP175C Datasheet
1Mb / 111P
5 Port 10/100 Ethernet Integrated Switch
IP178C ETC2-IP178C_1 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
IP175G ETC2-IP175G Datasheet
752Kb / 69P
5 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
8 Port Unmanaged Ethernet Switch 10/100
SW-508 BLACKBOX-SW-508 Datasheet
992Kb / 4P
Industrial 8 Port Ethernet Switch 10/100
SW-708 BLACKBOX-SW-708 Datasheet
951Kb / 4P
Hardened 8 Port Ethernet Switch 10/100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com