Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 43Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 44Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 45Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 46Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 47Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 48Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 49Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 50Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
IP178G
Data Sheet
47 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
6.4
LED mode Control Register
Table 12
LED mode Control Register table
MII page3 register16 of PHY0~7 (8 PHYs share the MII register)
page
MII
R/W
Description
Default
LED Control Register
16[15:14] R/W
LED_SEL[1:0]
LED output mode selection.
LED_SEL[1:0]=2’b00: LED mode 0,
LED_SEL[1:0]=2’b01: LED mode 1,
LED_SEL[1:0]=2’b10: LED mode 2,
LED_SEL[1:0]=2’b11: LED mode 3 (default)
11
16.12
RW
SERIAL_LED_EN
1: supports LED serial mode
0: supports LED direct mode (default)
0
3
16.11
RW
SERIAL_LED_MODE
1: supports link LED only
0: supports link, speed, and duplex LED (default)
0
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.
LED mode behavior:
LED mode 0
LED mode 1
LED mode 2
LED mode 3
LED_SEL[1:0]
00
01
10
11
LED_LINK[7:0]
100M Link + Activity
(1: 100M Link fail,
0: 100M Link ok and
no activity,
flash: 100M Link ok
and TX/RX activity)
Link
(1: link fail,
0: link ok)
100M Link + Activity
(same as mode 0)
Link + Activity
(1: link fail,
0: link ok,
flash: Link ok and
TX/ RX activity)
LED_SPEED[7:0]
Collision
(1: no collision,
flash: collision)
Speed
(same as mode 3)
Full/half
(1: half,
0: full,
flash: collision)
Speed
(1: speed=10M,
0: speed=100M
LED_FULL[7:0]
10M Link + Activity
(1: 10M Link fail,
0: 10M Link ok and
no activity,
flash: 10M Link ok
and TX/RX activity)
Full/half
(same as mode 3)
10M Link + Activity
(same as mode 0)
Full/half
(1: half,
0: full,
flash: collision)
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com