Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 36Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 37Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 38Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 39Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 40Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 41Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 42Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 43Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
IP178G
Data Sheet
40 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
MII register 5 of PHY0~7 (Each PHY has its own MII register 5 with different PHY address)
PHY
MII
R/W
Description
Default
Auto-Negotiation Link Partner Ability Register
0~7
5.15
RO
Next Page
1 = Next Page ability is supported by link partner
0 = Next Page ability does not supported by link partner
0
0~7
5.14
RO
Acknowledge
1 = Link partner has received the ability data word
0 = Not acknowledge
0
0~7
5.13
RO
Remote Fault
1 = Link partner indicates a remote fault
0 = No remote fault indicate by link partner
If this bit is set to logic 1, then bit 1.4 (Remote fault) will set to logic 1.
0
0~7
5.12
RO Reserved by IEEE for future use, write as 0, and read as 0.
0
0~7
5.11
RO
Asymmetric PAUSE
1 = Link partner support Asymmetric PAUSE
0 = Link partner does not support Asymmetric PAUSE
When local or link partner is Auto-negotiation disabled, this bit is read
as 1. The pause resolution is determined by MII Reg4.[11:10].
0
0~7
5.10
RO
PAUSE
1 = Link partner support Symmetric PAUSE
0 = Link partner does not support Symmetric PAUSE
When local or link partner is Auto-negotiation disabled, this bit is read
as 1. The pause resolution is determined by MII Reg4.[11:10].
0
0~7
5.9
RO
100BASE-T4
1 = Link partner support 100BASE-T4
0 = Link partner does not support 100BASE-T4
0
0~7
5.8
RO
100BASE-TX full duplex
1 = Link partner support 100BASE-TX full duplex
0 = Link partner does not support 100BASE-TX full duplex
0
0~7
5.7
RO
100BASE-TX
1 = Link partner support 100BASE-TX
0 = Link partner does not support 100BASE-TX
0
0~7
5.6
RO
10BASE-T full duplex
1 = Link partner support 10BASE-T full duplex
0 = Link partner does not support 10BASE-T full duplex
0
0~7
5.5
RO
10BASE-T
1 = Link partner support 10BASE-T
0 = Link partner does not support 10BASE-T
When AN is disabled, this bit is set if register 0.13=0
0
0~7
5[4:0]
RO
Selector Field
Protocol selector of the link partner
5’b00000
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com