Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 29Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 30Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 31Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 32Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 33Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 34Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 35Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 36Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
IP178G
Data Sheet
33 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
4.14 PAD Driving Calibration
This function illustrates the interface between switch and high speed pad groups for pad driving
calibration. In default the pad driving capability sets by switch MII register (PHY address 21
Reg10.[14:12). It also can automatically calibrate to determine pad driving and feedback it to the final
pad driving current.
4.15 Fiber port configuration
Port 6 and 7 of IP178G can be configured to be a fiber port or a TP port individually. A port becomes a
fiber port if its FXSDx is connected to a fiber MAU or pulled to high. A port becomes a TP port if it’s
FXSDx is pulled low.
Table 7 Fiber port Parameter
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Fiber Rx common mode Voltage
VFRC
-
AVDD*0.6
-
V
Fiber Rx differential mode Voltage
VFRD
0.4
-
-
V
PVDD = 3.3V
Voltage on FXSDx
TP port
Fiber port
Fiber signal detect
Condition
< 0.4 V
Yes
--
--
> 1.2 V < 1.7 V
--
Yes
Off
Fiber unplugged
> 1.95 V < 3.3 V
--
Yes
On
Fiber plugged
Figure 14 Fiber FXSD application circuit
3V
5V
R1
1K
470
R2
100
300
R3
910
330
Fiber
MAU
IP178G
FXSD
SD
R1
R2
R3
VCC_O
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com