Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 4Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 5Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 6Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 7Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 8Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 9Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 10Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 11Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
IP178G
Data Sheet
8 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
Features comparison between IP178D and IP178G
Table 1 IP178D and IP178G/GA Features comparison table
Function
IP178D
IP178G
Process
0.16 um
85 nm
Package
PQFP 128
IP178G : QFN 68
Switch structure
8 port Embedded 10/100 PHY Switch Controller
Port based priority
Yes
802.1p priority
Yes
Support Fiber function
2 ports with FXSD
2 ports with FXSD
VLAN
No
Port base / insert, remove tag
Tag base
IP DiffServ Priority
Yes
Port mirroring
Yes
Pins configure for port-priority
Yes
Reduce IPG function
Yes
TCP/UDP port number priority
Yes
Port trunking
No
Yes
Auto Factory Test (AFT
®)
No
Yes
IEEE 802.3az
No
Yes
WOL+®
No
Yes
PWD (Force off power key)
No
Yes
IC Power consumption (Max)
1.9W
0.95W
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com