Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 66Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 67Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 68Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 69Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 70Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 71Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 72Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 73Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 76 page
background image
IP178G
Data Sheet
70 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
7
Electrical Characteristics
7.1
Absolute Maximum Rating
Stresses exceed those values listed under Absolute Maximum Ratings may cause permanent damage to
the device. Functional performance and device reliability are not guaranteed under these conditions. All
voltages are specified with respect to GND.
Supply Voltage
– 0.3V to 3.63V
Input Voltage
– 0.3V to 3.63V
Output Voltage
– 0.3V to 3.63V
Storage Temperature
– 65°C to 150°C
Ambient Operating Temperature (Ta) (IP178G/GA)
0°C to 70°C
IC Junction Temperature (Tj) (IP178G/GA)
0°C to 125°C
7.2
Crystal Specifications
Item
Parameter
Range
1
Nominal Frequency
25.000 MHz
2
Oscillation Mode
Fundamental Mode
3
Frequency Tolerance at 25
℃
+/- 50 ppm
4
Temperature Characteristics
+/- 50 ppm
5
Operating Temperature Range
-10
℃ ~ +70℃
6
Equivalent Series Resistance
40 ohm Max.
7
Drive Level
100
μW
8
Load Capacitance
20 pF
9
Shunt Capacitance
7 pF Max
10
Insulation Resistance
Mega ohm Min./DC 100V
11
Aging Rate A Year
+/- 5 ppm/year
7.3
DC Characteristic
7.3.1
Operating Conditions
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Core Supply Voltage
DVDD
Analog Low Supply Voltage
AV10
1.05
1.1
1.23
Analog High Supply Voltage
AV33
I/O pad Supply Voltage
PVDD
3.15
3.3
3.45
V
P100MF
950
All port link 100M Full activ
P10MF
880
All port link 10M Full activ
Power Consumption
PIDLE
180
mW
All port unlink
7.3.2
Input Clock
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Frequency
F
25
MHz
Frequency Tolerance
FT
-50
+50
ppm
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com