Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 48Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 49Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 50Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 51Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 52Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 53Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 54Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 55Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
IP178G
Data Sheet
52 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
6.9
Port mirroring control registers
PHY
MII
R/W
Description
Default
3[15]
R/W
PORT_MIRROR_EN
Port Mirror Enable
1: Enable
0: Disable
1’b0
3[14:13]
R/W
PORT_MIRROR_MODE
Select a mirror mode to monitor
00: mirror RX (default)
01: mirror TX
10: mirror RX and TX, RX and TX path must be at the different port
11: mirror RX or TX, RX or TX path must be at the same port
2’b00
3[12:8]
Reserved
3[7:0]
R/W
SEL_RX_PORT_MIRROR
Select the source (receive) port to be mirrored
Set 1 to select the RX path of port to be monitored. Bit0 is for Port0,
bit7 for Port7, and so on.
8’h01
4[15:13]
R/W
SEL_MIRROR_PORT
Select a mirror port to monitor any other port
000: port 0
001: port 1
010: port 2
011: port 3
100: port 4
101: port 5
110: port 6
111: port 7 (default)
3’b111
4[12:8]
Reserved
20
4[7:0]
R/W
SEL_TX_PORT_MIRROR
Select the destination (transmit) port to be mirrored
Set 1 to select the TX path of port to be monitored. Bit0 is for Port0,
bit7 for Port7, and so on.
8’h01
6.10 Debug Regiister
PHY
MII
R/W
Description
Default
5[15:8]
R/W
RESERVED
16’h0
5[7:0]
RO
(SC)
CRC_COUNTER
8’h00
6[15:8]
R/W
(SC)
PAUSE_TRIGGER
8’h00
6[7:0]
RO
(SC)
PAUSE_FLAG
8’h0
7[15]
R/W
THR_SETTING
1’b0
7[14]
R/W
(SC)
READ_THR
1’b0
7[13]
R/W
WAIT_BACKOFF
1’b0
7[12:8]
RESERVED
20
7[7:0]
R/W
UNIT_DEFAULT_THRESHOLD
8’d12
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com