Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 61Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 62Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 63Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 64Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 65Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 66Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 67Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 68Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
IP178G
Data Sheet
65 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
PHY
MII
R/W
Description
Default
0[13]
R/W
UNVID_MODE
Unknown-VID Mode
0: discard
1 : flood packet
1’b0
0[12:0]
RESERVED
1[15:8]
R/W
VLAN_CLS[7:0]
VLAN Classification associated with each port
Only active at tagged-based VLAN
0 : use VID to classify VLAN
-use VID to search VLAN table if tag packet
-use PVID to search VLAN table if untag packet
1 : use PVID to classify VLAN
-always use PVID to search VLAN table
8’h00
1[7:0]
TAG_VLAN_EN
Tag-based VLAN enable
8’h00
6.29.2 VLAN Ingress Rule
PHY
MII
R/W
Description
Default
2[15:14]
RESERVED
2[13]
R/W
VLAN_DROP_CFI
Drop incoming frame, if the CFI field is not equal to zero.
1’b0
RSVD_VID[2:0]
Reserved VID
Bit 0
The null VID. If set, frames with null VID (priority-tagged frame)
treat as untagged frames.
0: disable
1: enable (default)
Bit 1
VID=1 (default VID)
Replace default VID with PVID
0: disable (default)
1: enable
2[12:10] R/W
Bit 2
VID=FFF
Discard frame if the VID is the value FFF
0: disable(default)
1: enable
3’b001
2[9:8]
R/W
ACCEPTABLE_FRM_TYPE[1:0]
Acceptable Frame Type
2’b00 Admit all frames (default)
2’b01 Admit VLAN-tagged frames
2’b10 Admit Untagged frames
2’b11 Reserved
2’b00
23
2[7:0]
R/W
VLAN_INGRESS_FILTER[7:0]
VLAN Ingress Filter associated with each port
If ingress filter for a given port is set, frame shall discard on that port whose
VLAN classification does not include that port in it member set.
8’hFF
3
RESERVED
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com