Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 28Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 29Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 30Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 31Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 32Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 33Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 34Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 35Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
IP178G
Data Sheet
32 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
4.12.2 Supports link, speed, and duplex LED
IP178G supports link, speed, and duplex LED when setting SERIAL_LED_MODE to 0 and
SERIAL_LED_EN to 1.
Figure 13 Serial LED Fully Mode
4.13 LED Blink Timing
Table 6 LED Blink Timing
LED mode
Blinking speed
Serial mode update period
10ms
Active LED blink
Off 105ms
On 105ms
Off 105ms
…
Collision LED blink
Off 105ms
On 105ms
Off 105ms
…
PORT 7 LINK/ACT LED
PORT 6 LINK/ACT LED
PORT 5 LINK/ACT LED
PORT 4 LINK/ACT LED
PORT 3 LINK/ACT LED
PORT 2 LINK/ACT LED
PORT 1 LINK/ACT LED
PORT 0 LINK/ACT LED
PORT 7 SPEED LED
PORT 6 SPEED LED
PORT 5 SPEED LED
PORT 4 SPEED LED
PORT 3 SPEED LED
PORT 2 SPEED LED
PORT 1 SPEED LED
PORT 0 SPEED LED
PORT 7 DUP/COL LED
PORT 6 DUP/COL LED
PORT 5 DUP/COL LED
PORT 4 DUP/COL LED
PORT 3 DUP/COL LED
PORT 2 DUP/COL LED
PORT 1 DUP/COL LED
PORT 0 DUP/COL LED
74HC164
PVDD
QA
QB
QC
QD
QE
QF
QG
QH
A
CLK
CLR
B
PVDD
RESET
SCLK
SDATA
74HC164
PVDD
QA
QB
QC
QD
QE
QF
QG
QH
A
CLK
CLR
B
74HC164
PVDD
QA
QB
QC
QD
QE
QF
QG
QH
A
CLK
CLR
B
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com