Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 49Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 50Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 51Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 52Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 53Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 54Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 55Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 56Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
IP178G
Data Sheet
53 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
PHY
MII
R/W
Description
Default
8[15:8]
R/W
SHARE_HIGH_THRESHOLD
8[7:0]
R/W
SHARE_LOW_THRESHOLD
9[15:8]
R/W
PKT_HIGH_THRESHOLD
8’d96
9[7:0]
R/W
PKT_LOW_THRESHOLD
8’d80
10[15:8]
R/W
UNIT_HIGH_THRESHOLD
10[7:0]
R/W
UNIT_LOW_THRESHOLD
11[15]
R/W
MON_EN
1’b0
11[14:9]
RESERVED
11[8:0]
RO
(SC)
UNIT_LOW_NUM
9’d224
12[15:9]
RESERVED
12[8:0]
RO
(SC)
SHARE_HIGH_NUM
9’d224
6.11 Fiber duplex setting registers
PHY
MII
R/W
Description
Default
13[15:14] R/W
FIBER_DUPLEX
Fiber duplex setting for each port.
1: fiber port is full-duplex
0: fiber port is half_duplex
bit[15]: port 7 duplex ability setting
bit[14]: port 6 duplex ability setting
2’b11
13.[13]
R/W BUF_AGING_EN
1’b0
13.[12]
R/W SRC_BLK_PROTECT
1’b1
20
13[11:8]
Reserved
6.12 Backpressure setting registers
PHY
MII
R/W
Description
Default
20
13[7:0]
R/W
PORT_BACKPRESSURE_EN
Backpressure ability setting at half-duplex mode for each port. To
ensure this function works correctly, BK_EN (backpressure enable, reg
20.1[8]) should set to logic zero first.
1: enable backpressure ability
0: disable
bit[7] : port 7 enable backpressure ability
bit[6] : port 6 enable backpressure ability
bit[5] : port 5 enable backpressure ability
bit[4] : port 4 enable backpressure ability
bit[3] : port 3 enable backpressure ability
bit[2] : port 2 enable backpressure ability
bit[1] : port 1 enable backpressure ability
bit[0] : port 0 enable backpressure ability
8’h00
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com