Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 37Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 38Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 39Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 40Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 41Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 42Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 43Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 44Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
IP178G
Data Sheet
41 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
MII register 6 of PHY0~7 (Each PHY has its own MII register 6 with different PHY address)
PHY
MII
R/W
Description
Default
Auto-Negotiation Expansion Register
0~7
6[15:5]
RO Reserved
0
0~7
6.4
RO/
LH
Parallel Detection Fault
1 = a fault has been detected via parallel detection function.
0 = a fault has not been detected via parallel detection function.
0
0~7
6.3
RO
Link Partner Next Page Able
1 = Link partner is next page able.
0 = Link partner is not next page able.
0
0~7
6.2
RO
Next Page Able
1 = IP178G next page able.
0 = IP178G is not next page able.
1
0~7
6.1
RO/
LH
Page Recieved
1 = A new page has been received.
0 = A new page has not been received.
0
0~7
6.0
RO
If AN is enabled, this bit means:
1 = Link partner is Auto-Negotiation able.
0 = Link partner is not Auto-Negotiation able.
In 100FX or AN disabled, then this bit is always equal to 0.
0
(AN)
(100FX)
MII register 7 of PHY0~7 (Each PHY has its own MII register 7 with different PHY address)
PHY
MII
R/W
Description
Default
Auto-Negotiation Next Page Transmit Register
0~7
7.15
RW
Next Page
Transmit Code Word Bit 15
0
0~7
7.14
RO
Reserved
Transmit Code Word Bit 14
0
0~7
7.13
RW
Message Page
Transmit Code Word Bit 13
1
0~7
7.12
RW
Acknowledge 2
Transmit Code Word Bit 12
0
0~7
7.11
RO
Toggle
Transmit Code Word Bit 11
0
0~7
7[10:0]
RW
Message/Unformatted Field
Transmit Code Word Bit 10:0
1
MII register 8 of PHY0~7 (Each PHY has its own MII register 8 with different PHY address)
PHY
MII
R/W
Description
Default
Auto-Negotiation Link Partner Next Page Register
0~7
8.15
RO
Next Page
Received Code Word Bit 15
0
0~7
8.14
RO
Acknowledge
Received Code Word Bit 14
0
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com