Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 41Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 42Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 43Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 44Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 45Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 46Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 47Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 48Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
IP178G
Data Sheet
45 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
MMD register 3.20 of PHY0~7 (Each PHY has its own MMD register 3.20 with different PHY address)
PHY
MII
R/W
Description
Default
EEE capability Register
0~7
3.20[15:7] RO
Reserved
Ignore when read
0
0~7
3.20.6
RO
10GBASE-KR EEE
1 = EEE is supported for 10GBASE-KR
0 = EEE is not supported for 10GBASE-KR
0
0~7
3.20.5
RO
10GBASE-KX4 EEE
1 = EEE is supported for 10GBASE-KX4
0 = EEE is not supported for 10GBASE-KX4
0
0~7
3.20.4
RO
1000BASE-KX EEE
1 = EEE is supported for 1000BASE-KX
0 = EEE is not supported for 1000BASE-KX
0
0~7
3.20.3
RO
10GBASE-T EEE
1 = EEE is supported for 10GBASE-T
0 = EEE is not supported for 10GBASE-T
0
0~7
3.20.2
RO
1000BASE-T EEE
1 = EEE is supported for 1000BASE-T
0 = EEE is not supported for 1000BASE-T
0
0~7
3.20.1
RO
100BASE-TX EEE
1 = EEE is supported for 100BASE-TX
0 = EEE is not supported for 100BASE-TX
1
0~7
3.20.0
RO
Reserved
Ignore when read
0
MMD register 3.22 of PHY0~7 (Each PHY has its own MMD register 3.22 with different PHY address)
PHY
MII
R/W
Description
Default
EEE wake error count
0~7
3.22[15:0] RO
EEE wake error count
Count wake time faults where IP178G fails to complete its normal wake
sequence within the time required for the specific PHY type.
This register keeps the value before reading the contents of the register.
0x0000
MMD register 7.60 of PHY0~7 (Each PHY has its own MMD register 7.60 with different PHY address)
PHY
MII
R/W
Description
Default
EEE advertisement Register
0~7
7.60[15:7]
RO
Reserved
Ignore when read
0
0~7
7.60.6
RO
10GBASE-KR EEE
1 = Advertise that the 10GBASE-KR has EEE capability
0 = Do not advertise that the 10GBASE-KR has EEE capability
0
0~7
7.60.5
RO
10GBASE-KX4 EEE
1 = Advertise that the 10GBASE-KX4 has EEE capability
0 = Do not advertise that the 10GBASE-KX4 has EEE capability
0
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com