Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 15Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 16Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 17Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 18Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 19Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 20Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 21Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 22Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
IP178G
Data Sheet
19 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
4
Functional Description
4.1
Switch Engine and Queue Management
4.1.1
Switch Engine
IP178G integrates an 8-port switch controller, SSRAM, and 8 10/100 Ethernet transceivers. Each of the
transceivers complies with the IEEE 802.3, IEEE 802.3u, and IEEE 802.3x specifications. IP178G offers
all the rich features of a high-speed broadband wire Internet services including non-blocking switch fabric
4.1.2
Packet Forwarding
IP178G utilizes the “store & forward” method to handle packet transfer. IP178G begins to forward a
packet to a destination port after the entire packet is received. A received packet will be forwarded to the
destination port only if it is error free; otherwise, it will be discarded.
4.1.3
Flow control
IP178G jams or pauses a port, which causes output queue over the threshold. Its link partner will defer
transmission after detecting the jam or pause frame. A port of IP178G defers transmission when it
receives a jam or a pause frame. The source address (SA) of pause control frame will be [ IP178G OUI
(0090C3), port number]. For example, the SA of port 1 pause control frame will be “ 00 90 C3 00 00 01”.
When CoS is enabled, IP178G may disable the flow control function for a short term to guarantee the
bandwidth of high priority packets. A port disables its flow control function for 2 ~ 3 seconds when it
receives a high priority packet. It doesn’t transmit pause frame or jam pattern during the period but it still
responses to pause frame or jam pattern.
The flow control function can be enabled by programming registers 0.4[11:10] ~ 7.4[11:10] for 8 PHY.
4.1.4
Backpressure
In half duplex mode, the IP178G supports backpressure flow control. When set BK_EN of MII
register 20.1[8] to “1”, the packets in buffer reach the threshold, IP178G generates a jam pattern to back
off the link partner. IP178G supports carrier-sense based backpressure. When the carrier-sense based
backpressure is enabled, MII register 20.1[7] is set to “0”, and IP178G transmits null packets
continuously to prevent link partner’s transmission when the buffer is not available.
4.1.5
Broadcast storm protection
A port of IP178G begins to drops broadcast packets if the received broadcast packets are more than the
threshold defined in MII register 21.9[15:14] BF_STM_THR_SEL [1:0] in 10ms (100Mbps) or 100ms
(10Mbps)
The function can be enabled by pulling low pin 47 BF_STM_DIS or programming MII register 20.1[6].
IP178G handles multicast frame as a broadcast frame in broadcast storm protection function if MII
register 21.30[12] is set to “0”
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com