Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 50Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 51Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 52Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 53Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 54Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 55Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 56Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 57Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
IP178G
Data Sheet
54 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
6.13 TCP/UDP port priority registers
PHY
MII
R/W
Description
Default
20
14[15:8]
R/W
LPP_AGING_EN
TCP/UDP logical port priority aging enable
0: disable TCP/UDP logical port priority aging function
1: enable TCP/UDP logical port priority aging function
When this function active, once receive a IP frame with TCP/UDP
protocol and the logical port number is the pre-defined port number, the
ingress port will treat as a port based high priority port for 300 seconds.
After the internal timer expired, the ingress port will change back to
previous behavior.
bit[15]:
port 7 logical port priority aging enable
bit[14]:
port 6 logical port priority aging enable
bit[13]:
port 5 logical port priority aging enable
bit[12]:
port 4 logical port priority aging enable
bit[11]:
port 3 logical port priority aging enable
bit[10]:
port 2 logical port priority aging enable
bit[9]:
port 1 logical port priority aging enable
bit[8]:
port 0 logical port priority aging enable
8’h00
20
14[7:6]
Reserved
20
14[5:4]
R/W
USERDEF_RANGE_EN
User defined logic port range enable.
bit[1]:
user define range 1 register enable
bit[0]:
user define range 0 register enable
2’b11
20
14[3:0]
R/W
PREDEF_PORT_EN
Pre-defined logic port number enable.
bit[3]:
logic port set 3 enable, port 6000
bit[2]:
logic port set 2 enable, port 3389
bit[1]:
logic port set 1 enable, port 443
bit[0]:
logic port set 0 enable, port 22
4’hF
20
15
R/W
USERDEF_RANGE0_HIGH
User defined logic port range 0 high limit
16’d23
20
16
R/W
USERDEF_RANGE0_LOW
User defined logic port range 0 low limit
16’d23
20
17
R/W
USERDEF_RANGE1_HIGH
User defined logic port range 1 high limit
16’d
5800
20
18
R/W
USERDEF_RANGE1_LOW
User defined logic port range 1 low limit
16’d
5800
6.14 Test mode
PHY
MII
R/W
Description
Default
20
19[15]
R/W
FAST_MODE
1’b0
20
19[11:2]
R/W
TEST_LATIN (only for PHY test mode)
10’h000
20
19[1:0]
R/W
TEST_SEL
0x0: normal mode
0x1: switch test mode
0x2: phy test mode
2’b00
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com