Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 54Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 55Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 56Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 57Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 58Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 59Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 60Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 61Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
IP178G
Data Sheet
58 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
PHY
MII
R/W
Description
Default
10[15]
RESERVED
10[14:12] R/W
DRIVER[2:0]
Pad Drive Current
000: 0 mA
001: 1.5 mA
010: 4.6 mA (default)
011: 9.9 mA
100: 9.9 mA
101: 9.9 mA
110: 15.1 mA
111: 18.4 mA
3’b
010
10[11]
R/W
BF_STM_EN_QM
1’b0
10[10]
R/W
HP_DIS_FLOW_EN
Disable flow control when recived high priority packet
1’b0
10[9]
R/W
TWOPART
1’b1
10[8]
R/W
ALLPASS
All packet forwarded include CRC packet.
1’b0
10[7:6]
R/W
ANALOG_OFF_TIME
The length of time of the push button input must be held low in order to
turn off analog power
0x0: 1.5 sec
0x1: 3 sec (default)
0x2: 4.5 sec
0x3: reserved
2’b01
10[5]
RESERVED
6.24 Reserved Group MAC addresses
PHY
MII
R/W
Description
Default
11[15]
R/W
PAUSE_FILTER
DA=01-80-c2-00-00-01 & EtherType=0x8808 & Opcode=1
1: forward,
0: discard (default).
1’b0
11[14]
R/W
RSVD_GMAC_FILTER_4
Reserved Group Address
01-80-c2-00-00-40 to FF
1: forward (default),
0: discard.
1’b1
21
11[13]
R/W
RSVD_GMAC_FILTER_3
Reserved Group Address
01-80-c2-00-00-30 to 3F
1: forward (default),
0: discard.
1’b1
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com