Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 63Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 64Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 65Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 66Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 67Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 68Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 69Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 70Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
IP178G
Data Sheet
67 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
PHY
MII
R/W
Description
Default
17[7:0]
R/W
PBV_MEMBER_P4[7:0]
Port based VLAN member port
VLAN member port associated with the Port4.
8’hFF
17[15:8] R/W
PBV_MEMBER_P5[7:0]
Port based VLAN member port
VLAN member port associated with the Port5.
8’hFF
18[7:0]
R/W
PBV_MEMBER_P6[7:0]
Port based VLAN member port
VLAN member port associated with the Port6.
8’hFF
18[15:8] R/W
PBV_MEMBER_P7[7:0]
Port based VLAN member port
VLAN member port associated with the Port7.
8’hFF
6.29.6 Leaky VLAN Control Register
PHY
MII
R/W
Description
Default
19[15:3]
RESERVED
23
19[2:0]
R/W
LEAKY_VLAN[2:0]
Bit0: ARP leaky VLAN
Bit1: Unicast forwarding leaky VLAN, DA=individual MAC & DA match
was found
Bit2: Multicast leaky VLAN
3’b000
6.30 VLAN Table
6.30.1 VLAN Control Register
PHY
MII
R/W
Description
Default
24
0[15:0]
R/W
VLAN_VALID[15:0]
VLAN filter is valid.
The VLAN filter entry X is valid associated with the VID_X.
16’h
0000
6.30.2 VLAN Identifier Register
PHY
MII
R/W
Description
Default
1[11:0]
R/W
VID_0[11:0]
VLAN identifier associated with VLAN 0.
12’h001
2[11:0]
R/W
VID_1[11:0]
VLAN identifier associated with VLAN 1.
12’h002
3[11:0]
R/W
VID_2[11:0]
VLAN identifier associated with VLAN 2.
12’h003
4[11:0]
R/W
VID_3[11:0]
VLAN identifier associated with VLAN 3.
12’h004
5[11:0]
R/W
VID_4[11:0]
VLAN identifier associated with VLAN 4.
12’h005
6[11:0]
R/W
VID_5[11:0]
VLAN identifier associated with VLAN 5.
12’h006
24
7[11:0]
R/W
VID_6[11:0]
VLAN identifier associated with VLAN 6.
12’h007
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com