Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 33Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 34Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 35Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 36Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 37Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 38Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 39Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 40Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
IP178G
Data Sheet
37 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
PHY
MII
R/W
Description
Default
Status Register
0~7
1.15
RO
100Base-T4 capable
1 = 100Base-T4 capable
0 = not 100Base-T4 capable
IP178G does not support 100Base-T4. This bit is fixed to be 0.
0
0~7
1.14
RO
100Base-X full duplex Capable
1 = 100Base-X full duplex capable
0 = not 100Base-X full duplex capable
1
0~7
1.13
RO
100Base-X half duplex Capable
1 = 100Base-X half duplex capable
0 = not 100Base-X half duplex capable
1
0~7
1.12
RO
10Base-T full duplex Capable
1 = 10Base-T full duplex capable
0 = not 10Base-T full duplex capable
1
0~7
1.11
RO
10Base-T half duplex Capable
1 = 10Base-T half duplex capable
0 = not 10Base-T half duplex capable
1
0~7
1.10
RO
100Base-T2 full duplex Capable
1 = 100Base-T2 full duplex capable
0 = not 100Base-T2 full duplex capable
0
0~7
1.9
RO
100Base-T2 half duplex Capable
1 = 100Base-T2 half duplex capable
0 = not 100Base-T2 half duplex capable
0
0~7
1.8
RO Extended Status
0
0~7
1.7
RO Reserved
0
0~7
1.6
RO
MF preamble Suppression
1 = preamble may be suppressed
0 = preamble always required
1
0~7
1.5
RO
Auto-Negotiation Complete
1 = Auto-Negotiation complete
0 = Auto-Negotiation in progress
When read as logic 1, indicates that the Auto-Negotiation process
has been completed, and the contents of register 4 and 5 are valid.
When read as logic 0, indicates that the Auto-Negotiation process
has not been completed, and the contents of register 4 and 5 are
meaningless. If Auto-Negotiation is disabled (bit 0.12 set to logic 0),
then this bit will always read as logic 0.
0
0~7
1.4
RO
LH
Remote fault
1 = remote fault detected
0 = not remote fault detected
When read as logic 1, indicates that IP178G has detected a remote
fault condition. This bit is set until remote fault condition gone and
before reading the contents of the register. This bit is cleared after
IP178G reset.
0
0~7
1.3
RO
Auto-Negotiation Ability
1 = Auto-Negotiation capable
0 = not Auto-Negotiation capable
When read as logic 1, indicates that IP178G has the ability to
perform Auto-Negotiation.
1
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com