Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 11Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 12Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 13Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 14Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 15Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 16Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 17Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 18Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
IP178G
Data Sheet
15 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
3.5
EEPROM interface /SMI (Serial Management interface)
Pin No.
Label
Type
Description
EEPROM (only 24C01~16 supported)
52
SCL/MDC
IPL/I
After reset, it is used as clock pin SCL of EEPROM. Its
period is longer than 10us. IP178G stops reading
EEPROM if it finds there is no 0x55AA pattern in address 0.
After reading EEPROM, this pin will switch to SMI mode
MDC input.
53
SDA/MDIO
IPH,
I/O
After reset, it is used as data pin SDA of EEPROM.
A bi-directional multi-drop bus for accessing the internal
registers.
It’s recommended to add a 4.7K pull up resistor connecting
to PVDD and a 30pf capacitor connecting to ground.
After reading EEPROM, this pin will switch to SMI mode
MDIO for read/write internal register.
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com