Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 19Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 20Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 21Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 22Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 23Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 24Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 25Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 26Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
IP178G
Data Sheet
23 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
4.4
Auto Factory Test (AFT) Mode
IP178G implements an AFT mechanism, which is very useful for switch pre-test as Figure 4 AFT
system diagrams. When this function is triggered by hardware pin AFT, IP178G physical ports are
connected either port-pairs loopback or self-loopback and then IP178G will generate frames for TX of all
ports and LED will flash.
For example, port1 and port2 are connected to each other (loopback). Check the LED of port1 and
port2 is light-on, and then trigger this AFT function and wait a moment trigger again. If the test result is
passed (no CRC or packet loss), show LED of port1 and port2 light-on. Otherwise, show LED light-off
when CRC or packet loss is happened.
Procedure:
1. Power On
2. Wait for someone Push AFT button to start test
3. IP178G transmit packet and LED flash
4. If Push AFT button then goto step 5, else goto step 3
5. LED Show the test result, goto step 2
Figure 5 Auto Factory Test Application Diagram
4.5
Reset
Hardware Reset: Hardware pin RESETB should be asserted LOW at least for 10ms to reset
IP178G, and gets initial values from pins, registers and EEPROM after reset.
External loopback path
P0
P1
P2
P3
P4
P5
P6
P7
IP178G
AFT
PVDD
RJ45 Cable loopback
Pin1
Pin3
Pin2
Pin6
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com