Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 21Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 22Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 23Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 24Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 25Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 26Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 27Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 28Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
IP178G
Data Sheet
25 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
4.7
CoS
IP178G supports two types of CoS. One is port base priority function and the other is frame base priority
function. IP178G supports two levels of priority queues. A high priority packet will be queued to the high
priority queue to share more bandwidth. The ratio of bandwidth of high priority and low priority queue is
defined in MII register 20.1[15].
4.7.1
Port base priority
The packets received from high priority port will be handled as high priority frames if the port base priority
is enabled. It is enabled by programming the corresponding bit in MII register 21.0[9] ~ 21.7[9]. Each
port of IP178G can be configured as a high priority port individually.
4.7.2
VIP ports
This port based priority function can active either by register or pin setting. There are three pins dedicate
for enabling the port based priority function. The follow illustration shows the pin setting part of the port
based priority function.
Table 4 VIP port pin setting table
IP178G pin number
42
43
44
Pin name
HIGH_PRI[2]
HIGH_PRI[1]
HIGH_PRI[0]
HIGH[2:0]
High priority port
001
6, 7
010
5, 6, 7
011
7
101
0, 1
110
0, 1, 2
000
0
111
Disable (default)
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com