Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 38Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 39Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 40Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 41Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 42Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 43Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 44Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 45Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
IP178G
Data Sheet
42 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
MII register 8 of PHY0~7 (Each PHY has its own MII register 8 with different PHY address)
PHY
MII
R/W
Description
Default
0~7
8.13
RO
Message Page
Received Code Word Bit 13
0
0~7
8.12
RO
Acknowledge 2
Received Code Word Bit 12
0
0~7
8.11
RO
Toggle
Received Code Word Bit 11
0
0~7
8[10:0]
RO
Message/Unformatted Field
Received Code Word Bit 10:0
0
PHY
MII
R/W
Description
Default
Special Control Register
0~7
16.7
RW
Advance power saving mode
1 = Enable APS mode (Default)
0 = Disable APS mode
Please refer to the Power Saving application note for more detail
description.
1
0~7
16.4
RW
Far end fault function
1 = Far end fault function disable
0 = Far end fault function enable (Default)
This bit is only used for fiber mode.
0
PHY
MII
R/W
Description
Default
Special Status Register
0~7
18.14
RO
Linkup
1 = linkup
0 = unlink
0
0~7
18.11
RO
Speed Mode
1 = 100 Mbps
0 = 10 Mbps
0
0~7
18.10
RO
Duplex Mode
1 = Full Duplex
0 = Half Duplex
0
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com