Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 7Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 8Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 9Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 10Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 11Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 12Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 13Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 14Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
IP178G
Data Sheet
11 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
2.3
TCP/UDP QoS Switch for time-sensitive application from EEPROM setting
Port 0 received packet with reserved TCP/UDP port number, Port 0 will enable its
ingress port as a high priority port for 300 seconds.
If the other ports received packets with the same reserved port number, it also has the
same behavior as port 0.
2.4
Switch with VIP ports for specific users from Pin setting
VIP port setting as follow,
HIGH_PRI[2:0]
IP178G Pin 42,43,44
high priority port number
IP178GA Pin 89,90,91
001
6, 7
010
5, 6, 7
011
7
101
0, 1
110
0, 1, 2
000
0
111
disable (default)
Port 0
VIP
Port 1
VIP
Port 2
VIP
Port 3
Port 4
Port 5
VIP
Port 6
VIP
Port 7
VIP
TP
IP178G
Port 0
High
Priority
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
TP
IP178G
Low
Priority
Low
Priority
Low
Priority
Low
Priority
Low
Priority
Low
Priority
Low
Priority
24C01~16
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com